Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P-FN Datasheet(PDF) 64 Page - STMicroelectronics

Part # L9965P-FN
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P-FN Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L9965P-FN Datasheet HTML 60Page - STMicroelectronics L9965P-FN Datasheet HTML 61Page - STMicroelectronics L9965P-FN Datasheet HTML 62Page - STMicroelectronics L9965P-FN Datasheet HTML 63Page - STMicroelectronics L9965P-FN Datasheet HTML 64Page - STMicroelectronics L9965P-FN Datasheet HTML 65Page - STMicroelectronics L9965P-FN Datasheet HTML 66Page - STMicroelectronics L9965P-FN Datasheet HTML 67Page - STMicroelectronics L9965P-FN Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 104 page
background image
3.14
Serial peripheral interface (SPI)
The IC integrates a Serial Peripheral Interface (SPI) to communicate with host controller.
Internal pullup resistors address open failures on SDI, NCS and SCLK pins.
Table 40. SPI quick look
Parameter
Description
Protocol
Out-of-frame
Single frame length
24-bit
Frame protection
5-bit CRC with poly = x^5+x^2+1 (0x25) and seed = 0b11111 (0x1F)
Max frequency
2 MHz
CPOL
0
CPHA
1
The protocol implements a Global Status Word (GSW) providing info on NVM status and FAULTN signal.
The frame format is shown in the Table 41.
Table 41. SPI frame format
Bit
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9 8 7 6 5 4 3 2 1 0
MOSI
R/W
ADDRESS
0
0
DATA WRITE
CRC
MISO
SPI ERR
ADDRESS FEEDBACK
GSW
DATA READ
CRC
MOSI frame:
•
[23] bit: R/W flag selects if the current operation is a read (0) or write (1) operation
•
[22-17] bit field: SPI register address
•
[16-15] bit field: reserved, fixed to 00
•
[14-5] bit field: data write
•
[4-0] bit field: CRC checksum generated by SPI controller
MISO frame:
•
[23] bit: SPI error flag: the previous frame has an error due to length (long or short), stuck, wrong CRC,
wrong command or wrong address
•
[22-17] bit field: SPI register address feedback. Last received valid frame address feedback
•
[16-15] bit field: global status word (GSW), provides information related to NVM status and IC high level
error (NVM_BUSY on bit 16, FAULTN_ECHO on bit 15)
•
[14-5] bit field: data read
•
[4-0] bit field: CRC checksum generated by SPI
The following errors can be detected and the correspondent error flag is set in SPI_STATUS register:
•
Frame with less than 24 bits. The SPI_FRAME_SHORT bit is set.
•
Frame with more than 24 bits. The SPI_FRAME_LONG bit is set.
•
Frame with a wrong CRC. The SPI_CRC_ERROR bit is set.
•
Frame with a wrong address. The SPI_ADDRESS_ERROR bit is set.
•
Frame with an error (OR of previous errors). The SPI_FRAME_ERROR bit is set.
L9965P
Functional description
DS14702 - Rev 4
page 64/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com