Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P-FN Datasheet(PDF) 77 Page - STMicroelectronics

Part # L9965P-FN
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P-FN Datasheet(HTML) 77 Page - STMicroelectronics

Back Button L9965P-FN Datasheet HTML 73Page - STMicroelectronics L9965P-FN Datasheet HTML 74Page - STMicroelectronics L9965P-FN Datasheet HTML 75Page - STMicroelectronics L9965P-FN Datasheet HTML 76Page - STMicroelectronics L9965P-FN Datasheet HTML 77Page - STMicroelectronics L9965P-FN Datasheet HTML 78Page - STMicroelectronics L9965P-FN Datasheet HTML 79Page - STMicroelectronics L9965P-FN Datasheet HTML 80Page - STMicroelectronics L9965P-FN Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 104 page
background image
Table 73. CLIENT_NVM_REG_3 - 0x23
Field name
Type
Bit
offset
Bit
width
Reset
value
Reset sources
Description
TRIM_HS_RET_CFG
RW
8
2
0x0
nPOR_SLEEP
Max number of deployment
autoretries:
00 = 1, 01 = 1, 10 = 2, 11 = 4
TRIM_VRES_HIGH_TH
RW
1
7
0x0
nPOR_SLEEP
High threshold for
PYRO_RES measurement
TRIM_ERBST_DLOSS_FAULTN_MSK RW
0
1
0x0
nPOR_SLEEP
1 = FAULTN assertion from
ERBST_DLOSS masked
Table 74. CLIENT_NVM_REG_4 - 0x24
Field name
Type
Bit
offset
Bit
width
Reset
value
Reset sources
Description
TRIM_VRES_THR_POST_SEL
RW
9
1
0x0
nPOR_SLEEP
PYRO_RES threshold after
deployment:
0 = 99 Ω, 1 = 49 Ω
TRIM_PYRO_RES_EN
RW
8
1
0x0
nPOR_SLEEP
1 = PYRO_RES cyclic diag
enabled
TRIM_LEAK_EN
RW
7
1
0x0
nPOR_SLEEP
1 = VRCM and LEAK cyclic diag
enabled
TRIM_ADC_HWSC_EN
RW
6
1
0x0
nPOR_SLEEP
1 = ADC_HWSC cyclic diag
enabled
TRIM_FET_EN
RW
5
1
0x0
nPOR_SLEEP 1 = FET test cyclic diag enabled
TRIM_ER_CAP_EN
RW
4
1
0x0
nPOR_SLEEP 1 = ER_CAP cyclic diag enabled
TRIM_DIAG_ROUTINE_PERIOD RW
2
2
0x0
nPOR_SLEEP
Period of diagnostic routine:
00 = 100 ms
01 = 300 ms
10 = 500 ms
11 = 700 ms
TRIM_HS_RET_DLY_CFG
RW
0
2
0x0
nPOR_SLEEP
Delay between deployment
autoretries:
00 = 0.5 ms
01 = 1 ms
10 = 1.5 ms
11 = 2 ms
L9965P
Functional description
DS14702 - Rev 4
page 77/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com