Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA293A2IDBVT.B Datasheet(PDF) 14 Page - Texas Instruments

Part # INA293A2IDBVT.B
Description  INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA293A2IDBVT.B Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA293A2IDBVT.B Datasheet HTML 10Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 11Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 12Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 13Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 14Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 15Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 16Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 17Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Output Voltage (V)
0
1
2
3
200
400
600
800
1000
1200
1400
INA293A1
INA293A2
INA293A3
INA293A4
INA293A5
Figure 7-1. Bandwidth vs Output Voltage
7.3.1.2 Low Input Bias Current
The INA293 inputs draw a 20-µA (typical) bias current at a common-mode voltage as high as 110 V, which
enables precision current sensing on applications that require lower current leakage.
7.3.1.3 Low VSENSE Operation
The INA293 operates with high performance across the entire valid VSENSE range. The zero-drift input
architecture of the INA293 provides the low offset voltage and low offset drift needed to measure low VSENSE
levels accurately across the wide operating temperature of –40 °C to +125 °C. Low VSENSE operation is
particularly beneficial when using low ohmic shunts for low current measurements, as power losses across
the shunt are significantly reduced.
7.3.1.4 Wide Fixed Gain Output
The INA293 gain error is < 0.15% at room temperature, with a maximum drift of 10 ppm/°C over the full
temperature range of –40°C to +125°C. The INA293 is available in multiple gain options of 20 V/V, 50 V/V, 100
V/V, 200 V/V, and 500 V/V, which the system designer should select based on their desired signal-to-noise ratio
and other system requirements.
The INA293 closed-loop gain is set by a precision, low drift internal resistor network. The ratio of these resistors
are excellently matched, while the absolute values may vary significantly. Adding additional resistance around
the INA293 to change the effective gain is not recommended, however, because of this variation. The typical
values of the gain resistors are described in Table 7-1.
Table 7-1. Fixed Gain Resistor
GAIN
R1
RL
20 (V/V)
25 kΩ
500 kΩ
50 (V/V)
10 kΩ
500 kΩ
100 (V/V)
10 kΩ
1000 kΩ
200 (V/V)
5 kΩ
1000 kΩ
500 (V/V)
2 kΩ
1000 kΩ
7.3.1.5 Wide Supply Range
The INA293 operates with a wide supply range from 2.7 V to 20 V. The output stage supports a wide output
range while INA293x1 (gain of 20 V/V) at a supply voltage of 20 V allows a maximum acceptable differential
input of 1 V. When paired with the small input offset voltage of the INA293, systems with very wide dynamic
range of current measurement can be supported.
INA293
SBOS470B – DECEMBER 2019 – REVISED AUGUST 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com