Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA293A2IDBVT.B Datasheet(PDF) 9 Page - Texas Instruments

Part # INA293A2IDBVT.B
Description  INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA293A2IDBVT.B Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA293A2IDBVT.B Datasheet HTML 5Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 6Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 7Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 8Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 9Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 10Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 11Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 12Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
6.6 Typical Characteristics (continued)
All specifications at TA = 25 °C, VS = 5 V, VSENSE = VIN+ – VIN- = 0.5 V / Gain, VCM = VIN– = 48 V, unless otherwise noted.
Common-Mode Voltage (V)
-20
0
20
40
60
80
100
120
-10
-5
0
5
10
15
20
25
VS = 5V
VS = 20V
VS = 2.7V
VS = 0V
VSENSE = 0 V
Figure 6-13. Input Bias Current vs Common-Mode Voltage
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
-10
-5
0
5
10
15
20
25
VS = 0V and 20V, VCM = -20V
VS = 0V and 20V, VCM = -20V
VS = 2.7 to 20V, VCM = 48V
VS = 2.7 to 20V, VCM = 120V
VS = 2.7 to 20V, VCM = -4V
VS = 0V, VCM = 120V
VS = 0V, VCM = -4V
Figure 6-14. Input Bias Current vs Temperature
VSENSE (mV)
0
200
400
600
800
1000
-160
-120
-80
-40
0
40
80
120
160
200
240
IB+
IB-
IB+, VS = 0V
IB-, VS = 0V
Figure 6-15. INA293x1 Input Bias Current vs VSENSE
VSENSE (mV)
0
100
200
300
400
-80
-60
-40
-20
0
20
40
60
80
100
120
140
IB+
IB-
IB+, VS = 0V
IB-, VS = 0V
Figure 6-16. INA293x2, INA293x3 Input Bias Current vs VSENSE
VSENSE (mV)
0
20
40
60
80
100
-20
0
20
40
60
80
100
IB+, G=200
IB+, G=500
IB-
IB+, VS = 0V
IB-, VS = 0V
Figure 6-17. INA293x4, INA293x5 Input Bias Current vs VSENSE
Output Current (mA)
0
5
10
15
20
25
30
35
40
GND
GND + 1
GND + 2
VS
VS - 1
VS - 2
25qC
125qC
-40qC
VS = 2.7 V
Figure 6-18. Output Voltage vs Output Current
www.ti.com
INA293
SBOS470B – DECEMBER 2019 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: INA293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com