Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA293A2IDBVT.B Datasheet(PDF) 16 Page - Texas Instruments

Part # INA293A2IDBVT.B
Description  INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA293A2IDBVT.B Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA293A2IDBVT.B Datasheet HTML 12Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 13Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 14Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 15Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 16Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 17Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 18Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 19Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The INA293 amplifies the voltage developed across a current-sensing resistor as current flows through
the resistor to the load. The wide input common-mode voltage range and high common-mode rejection of
the INA293 make it usable over a wide range of voltage rails while still maintaining an accurate current
measurement.
8.1.1 RSENSE and Device Gain Selection
The accuracy of any current-sense amplifier is maximized by choosing the current-sense resistor to be as large
as possible. A large sense resistor maximizes the differential input signal for a given amount of current flow
and reduces the error contribution of the offset voltage. However, there are practical limits as to how large the
current-sense resistor can be in a given application because of the resistor size and maximum allowable power
dissipation. Equation 1 gives the maximum value for the current-sense resistor for a given power dissipation
budget:
MAX
SENSE
2
MAX
PD
R
I
(1)
where:
• PDMAX is the maximum allowable power dissipation in RSENSE.
• IMAX is the maximum current that will flow through RSENSE.
An additional limitation on the size of the current-sense resistor and device gain is due to the power-supply
voltage, VS, and device swing-to-rail limitations. To make sure that the current-sense signal is properly passed
to the output, both positive and negative output swing limitations must be examined. Equation 2 provides the
maximum values of RSENSE and GAIN to keep the device from exceeding the positive swing limitation.
I
MAX
ª RSENSE ª *$,1 < VSP
(2)
where:
• IMAX is the maximum current that will flow through RSENSE.
• GAIN is the gain of the current-sense amplifier.
• VSP is the positive output swing as specified in the data sheet.
To avoid positive output swing limitations when selecting the value of RSENSE, there is always a trade-off
between the value of the sense resistor and the gain of the device under consideration. If the sense resistor
selected for the maximum power dissipation is too large, then it is possible to select a lower-gain device in order
to avoid positive swing limitations.
The negative swing limitation places a limit on how small the sense resistor value can be for a given application.
Equation 3 provides the limit on the minimum value of the sense resistor.
I
MIN
ª RSENSE ª *$,1 > VSN
(3)
where:
• IMIN is the minimum current that will flow through RSENSE.
INA293
SBOS470B – DECEMBER 2019 – REVISED AUGUST 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com