Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA293A2IDBVT.B Datasheet(PDF) 23 Page - Texas Instruments

Part # INA293A2IDBVT.B
Description  INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA293A2IDBVT.B Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA293A2IDBVT.B Datasheet HTML 19Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 20Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 21Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 22Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 23Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 24Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 25Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 26Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Sep-2025
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
INA293B2IDBVR.B
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z3C
INA293B2IDBVRG4
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z3C
INA293B2IDBVRG4.B
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z3C
INA293B2IDBVT
Active
Production
SOT-23 (DBV) | 5
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z3C
INA293B2IDBVT.B
Active
Production
SOT-23 (DBV) | 5
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z3C
INA293B3IDBVR
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z4C
INA293B3IDBVR.B
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z4C
INA293B3IDBVRG4
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z4C
INA293B3IDBVRG4.B
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z4C
INA293B3IDBVT
Obsolete
Production
SOT-23 (DBV) | 5
-
-
Call TI
Call TI
-40 to 125
1Z4C
INA293B4IDBVR
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z5C
INA293B4IDBVR.B
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z5C
INA293B4IDBVT
Obsolete
Production
SOT-23 (DBV) | 5
-
-
Call TI
Call TI
-40 to 125
1Z5C
INA293B5IDBVR
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z6C
INA293B5IDBVR.B
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z6C
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com