Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA293A2IDBVT.B Datasheet(PDF) 5 Page - Texas Instruments

Part # INA293A2IDBVT.B
Description  INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA293A2IDBVT.B Datasheet(HTML) 5 Page - Texas Instruments

  INA293A2IDBVT.B Datasheet HTML 1Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 2Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 3Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 4Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 5Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 6Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 7Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 8Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input range
–4
48
110
V
VS
Operating supply range
2.7
5
20
V
VSENSE
Differential sense input range
0
VS / G
V
TA
Ambient temperature
–40
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
INA293
UNIT
DBV (SOT-23)
5 PINS
RθJA
Junction-to-ambient thermal resistance
184.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
105.6
°C/W
RθJB
Junction-to-board thermal resistance
47.2
°C/W
ΨJT
Junction-to-top characterization parameter
21.5
°C/W
ΨJB
Junction-to-board characterization parameter
46.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics
at TA = 25 °C, VS = 5 V, VSENSE = VIN+ - VIN- = 0.5 V / Gain, VCM = VIN- = 48 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VCM
Common-mode input range(1)
TA = -40°C to +125°C
–4
110
V
CMRR
Common-mode rejection ratio, input
referred
-4 V ≤ VCM ≤ 110 V, TA = -40°C to +125°C
140
160
dB
f = 50 kHz
85
dB
Vos
Offset voltage, input referred
INA293x1
±30
±150
µV
INA293x2
±15
±80
INA293x3
±10
±50
INA293x4
±5
±30
INA293x5
±2
±20
dVos/dT
Offset voltage drift
TA = -40℃ to +125℃, INA293x1,
INA293x2, INA293x3
±0.05
±0.5
µV/
℃
TA = -40℃ to +125℃, INA293x4,
INA293x5
±0.025
±0.25
PSRR
Power supply rejection ratio, input
referred
INA293x1, 2.7 V ≤ VS ≤ 20 V,
TA = -40°C to +125°C
±1
±8
µV/V
INA293x2, INA293x3, 2.7 V ≤ VS ≤ 20 V,
TA = -40°C to +125°C
±0.3
±3
INA293x4, INA293x5, 2.7 V ≤ VS ≤ 20 V,
TA = -40°C to +125°C
±0.1
±1
IB
Input bias current
IB+, VSENSE = 0 V
10
20
30
uA
IB-, VSENSE = 0 V
10
20
30
uA
www.ti.com
INA293
SBOS470B – DECEMBER 2019 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com