Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA293A2IDBVT.B Datasheet(PDF) 6 Page - Texas Instruments

Part # INA293A2IDBVT.B
Description  INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA293A2IDBVT.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA293A2IDBVT.B Datasheet HTML 2Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 3Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 4Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 5Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 6Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 7Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 8Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 9Page - Texas Instruments INA293A2IDBVT.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6.5 Electrical Characteristics (continued)
at TA = 25 °C, VS = 5 V, VSENSE = VIN+ - VIN- = 0.5 V / Gain, VCM = VIN- = 48 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
G
Gain
INA293x1
20
V/V
INA293x2
50
V/V
INA293x3
100
V/V
INA293x4
200
V/V
INA293x5
500
V/V
GERR
Gain error
GND + 50 mV ≤ VOUT ≤ VS – 200 mV
±0.02
±0.15
%
TA = -40°C to +125°C
±1
±10 ppm/°C
NLERR
Nonlinearity error
0.01
%
Maximum capacitive load
No sustained oscillations, no isolation
resistor
500
pF
VOLTAGE OUTPUT
Swing to Vs (Power supply rail)
RLOAD = 10 kΩ, TA = -40°C to +125°C
Vs – 0.07 Vs – 0.15
V
Swing to ground
RLOAD = 10 kΩ, VSENSE = 0 V, TA = -40°C
to +125°C
0.005
0.02
V
FREQUENCY RESPONSE
BW
Bandwidth
INA293x1, CLOAD = 5 pF,
VSENSE = 200 mV
1300
kHz
INA293x2, CLOAD = 5 pF,
VSENSE = 80 mV
1300
INA293x3, CLOAD = 5 pF,
VSENSE = 40 mV
1000
INA293x4, CLOAD = 5 pF,
VSENSE = 20 mV
900
INA293x5, CLOAD = 5 pF,
VSENSE = 8 mV
900
SR
Slew rate
Rising edge
2.5
V/µs
Settling time
VOUT = 4 V ± 0.1 V step, Output settles to
0.5%
10
µs
VOUT = 4 V ± 0.1 V step, Output settles to
1%
5
VOUT = 4 V ± 0.1 V step, Output settles to
5%
1
NOISE
Ven
Voltage noise density
50
nV/√Hz
POWER SUPPLY
Vs
Supply voltage
TA = –40°C to +125°C
2.7
20
V
IQ
Quiescent current
1.5
2
mA
TA = -40°C to +125°C
2.25
mA
(1)
Common-mode voltage at both VIN+ and VIN- must not exceed the specified common-mode input range.
INA293
SBOS470B – DECEMBER 2019 – REVISED AUGUST 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com