Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA828 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA828
Description  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA828 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA828 Datasheet HTML 12Page - Texas Instruments INA828 Datasheet HTML 13Page - Texas Instruments INA828 Datasheet HTML 14Page - Texas Instruments INA828 Datasheet HTML 15Page - Texas Instruments INA828 Datasheet HTML 16Page - Texas Instruments INA828 Datasheet HTML 17Page - Texas Instruments INA828 Datasheet HTML 18Page - Texas Instruments INA828 Datasheet HTML 19Page - Texas Instruments INA828 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
7.3 Feature Description
7.3.1 Setting the Gain
Figure 7-2 shows that the gain of the INA630 is set by a resistor divider (R1, R2) connected between the output,
feedback, and reference pin.
gm1
gm2
R2
R1
+
–
GND
+
–
VDM/2
VDM/2
1
+
+
+
VOUT
VFB
VREF
VS
VS+
VINN
VINP
+
+
gm3
G = 1 +
R2
R1
Figure 7-2. Simplified Diagram of the INA630 With Gain Equations
The value of R1 and R2 is selected according to:
G=1+R2R1
(1)
Table 7-1 lists several commonly used gains and feedback resistor values. The table also shows the theoretical
gain error that is caused by the worst-case tolerance of available 0.05% resistors, which means that both
resistors have the opposite absolute error.
Table 7-1. Examples for Feedback Resistor Values (0.05%) and Maximum Gain
Error
DESIRED GAIN
R1 (Ω) (0.05%)
R2 (Ω) (0.05%)
GAIN ERROR (MAX)
(%)
20
1k
18.88k
0.5
50
1k
49.3k
0.28
80
1k
78.7k
0.23
100
1k
98.81k
0.09
120
1k
118.35k
0.54
150
1k
148.6k
0.24
200
1k
198.1k
0.4
500
1k
498.8k
0.01
1000
1k
1M
0.1
7.3.1.1 Gain Error and Drift
Instrumentation amplifiers can set the gain by a single resistor, whereas in the INA630, the gain and thus the
gain accuracy is determined by the relative match of the external feedback resistor network R1 and R2.
INA630
SBOSAI8A – MARCH 2025 – REVISED JULY 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com