Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA828 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA828
Description  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA828 Datasheet(HTML) 1 Page - Texas Instruments

  INA828 Datasheet HTML 1Page - Texas Instruments INA828 Datasheet HTML 2Page - Texas Instruments INA828 Datasheet HTML 3Page - Texas Instruments INA828 Datasheet HTML 4Page - Texas Instruments INA828 Datasheet HTML 5Page - Texas Instruments INA828 Datasheet HTML 6Page - Texas Instruments INA828 Datasheet HTML 7Page - Texas Instruments INA828 Datasheet HTML 8Page - Texas Instruments INA828 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
1 Features
• Optimized for cost and size sensitive applications
• Super-beta bipolar precision:
– High common-mode rejection: 126dB
(minimum) for G = 20V/V to 1000V/V
– Low offset voltage: 60µV (typical), 350µV
(maximum)
– Low offset voltage drift: 0.7µV/°C (typical),
2µV/°C (maximum)
– Low gain non-linearity: 10ppm (G = 100V/V)
(maximum)
– High power supply rejection: 123dB (minimum)
for G = 20V/V to 1000V/V
– Voltage noise density: 40nV/√Hz at f = 1kHz
• Gain set with external resistor divider for G ≥
20V/V
– Maximum differential input voltages of ±125mV
• Bandwidth: 550kHz (G = 20), 100kHz (G = 100)
• Supply range:
– Single-supply: 4.5V to 36V
– Dual-supply: ±2.25V to ±18V
– Supply current: 300µA (typical)
• Specified temperature range: –40°C to +125°C
2 Applications
• Battery cell formation & test equipment
• Flat panel display (FPD) shorting bar pattern
generator
• Electrocardiogram (ECG)
• Weigh scale
3 Description
The INA630 is a high-precision instrumentation
amplifier that offers low power consumption and
operates over a wide single-supply or dual-supply
range. The INA630 is optimized for small differential
voltages
(±125mV
maximum)
while
providing
excellent common-mode suppression (126dB CMRR).
The INA630 offers flexible gain setting with an
external resistor divider of minimum G = 20V/V.
The INA630 is based on an indirect current
feedback architecture that offers low gain error
and non-linearity. Due to the architecture the
reference pin impedance does not degrade the
CMRR performance. The device enables wider input
and output voltage range compared to traditional
instrumentation amplifiers. The device has high
precision as a result of super-beta input transistors,
which provide low input offset voltage, offset voltage
drift, low bias current and current noise.
Package Information
PART NUMBER
PACKAGE (1)
PACKAGE SIZE(2)
INA630
DDF (SOT-23-THN, 8)
2.9mm × 2.8mm
(1)
For all available packages, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
gm1
gm2
R2
R1
+
–
GND
+
–
VDM/2
VDM/2
1
+
+
+
VOUT
VFB
VREF
VS
VS+
VINN
VINP
+
+
gm3
VCM
INA630 Simplified Internal Schematic
Frequency (Hz)
40
60
80
100
120
140
100m
1
10
100
1k
10k
100k
1M
G = 20
G = 100
CMRR vs Frequency (RTI)
INA630
SBOSAI8A – MARCH 2025 – REVISED JULY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA828

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA828 TI1-INA828 Datasheet
1Mb / 33P
50-uV Offset, 7-nV Noise, Low-Power, Precision Instrumentation Amplifier
INA828 TI-INA828 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA828 TI-INA828 Datasheet
3Mb / 33P
INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
REVISED JULY 2021
INA828 TI-INA828 Datasheet
1Mb / 28P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
MARCH 2022
INA828 TI-INA828 Datasheet
3Mb / 52P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
REVISED OCTOBER 2022
More results

Similar Description - INA828

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524SE AD-AD524SE Datasheet
614Kb / 28P
Precision Instrumentation Amplifier
Rev. F
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524 AD-AD524_16 Datasheet
519Kb / 29P
Precision Instrumentation Amplifier
Rev. F
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
Precision Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com