Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA828 Datasheet(PDF) 18 Page - Texas Instruments

Part # INA828
Description  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA828 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA828 Datasheet HTML 14Page - Texas Instruments INA828 Datasheet HTML 15Page - Texas Instruments INA828 Datasheet HTML 16Page - Texas Instruments INA828 Datasheet HTML 17Page - Texas Instruments INA828 Datasheet HTML 18Page - Texas Instruments INA828 Datasheet HTML 19Page - Texas Instruments INA828 Datasheet HTML 20Page - Texas Instruments INA828 Datasheet HTML 21Page - Texas Instruments INA828 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
INP
INN
R4
R3
V
S-
V
S+
V
DIFF > 125 mV
+
-
GND
Figure 7-5. Input Current Path During Large Differential Input Voltage Condition
Note
Many instrumentation amplifiers include a JFET clamping circuit that protect the device for input
voltages exceeding supply voltages. In the INA630, the JFET clamping structure is connected
between the input pins to protect the device against differential input overloading.
Differential Input Voltage (V)
-20
-15
-10
-5
0
5
10
15
20
-40
-30
-25
-20
-10
-10
5
0
20
10
35
20
50
30
IBN
IBP
Output Voltage
Figure 7-6. Input Current (IBP, IBN) vs Differential Input Voltage
7.4 Device Functional Modes
The INA630 has a single functional mode and is operational when the power supply voltage is greater than 4.5V
(±2.25V). The maximum power-supply voltage for the INA630 is 36V (±18V).
INA630
SBOSAI8A – MARCH 2025 – REVISED JULY 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com