Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA828 Datasheet(PDF) 20 Page - Texas Instruments

Part # INA828
Description  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA828 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA828 Datasheet HTML 16Page - Texas Instruments INA828 Datasheet HTML 17Page - Texas Instruments INA828 Datasheet HTML 18Page - Texas Instruments INA828 Datasheet HTML 19Page - Texas Instruments INA828 Datasheet HTML 20Page - Texas Instruments INA828 Datasheet HTML 21Page - Texas Instruments INA828 Datasheet HTML 22Page - Texas Instruments INA828 Datasheet HTML 23Page - Texas Instruments INA828 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
8.1.2 Input Bias Current Return Path
The input impedance of the INA630 is extremely high (approximately 100GΩ). However, a path must be
provided for the input bias current of both inputs. This input bias current is typically 3nA. High input impedance
means that this input bias current changes little with varying input voltage.
For proper operation, input circuitry must provide a path for this input bias current. Figure 8-2 shows various
provisions for an input bias current path. Without a bias current path, the inputs float to a potential that exceeds
the common-mode range of the INA630 and the input amplifiers saturate. If the differential source resistance is
low, the bias current return path connects to one input (as shown in the thermocouple example in Figure 8-2).
With a higher source impedance, using two equal resistors provides a balanced input with possible advantages
of a lower input offset voltage as a result of bias current and better high-frequency, common-mode rejection.
TI Device
47 kW
47 kW
TI Device
10 kW
Microphone,
Hydrophone,
and So Forth
Thermocouple
TI Device
Center tap provides
bias current return.
Copyright © 2017, Texas Instruments Incorporated
Figure 8-2. Providing an Input Common-Mode Current Path
INA630
SBOSAI8A – MARCH 2025 – REVISED JULY 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com