Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA828 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA828
Description  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA828 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA828 Datasheet HTML 8Page - Texas Instruments INA828 Datasheet HTML 9Page - Texas Instruments INA828 Datasheet HTML 10Page - Texas Instruments INA828 Datasheet HTML 11Page - Texas Instruments INA828 Datasheet HTML 12Page - Texas Instruments INA828 Datasheet HTML 13Page - Texas Instruments INA828 Datasheet HTML 14Page - Texas Instruments INA828 Datasheet HTML 15Page - Texas Instruments INA828 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±15V, RL = 10kΩ, VREF = 0V, and G = 20V/V (unless otherwise noted)
Output Current (mA)
0
4
8
12
16
20
24
28
-15
-14
-13
-12
-11
-10
T = -40 C
T = 25 C
T = 85 C
T = 125 C
G = 120V/V
Figure 6-27. Negative Output Voltage Swing vs Output Current
Max/Min Output Voltage (V)
-15
-10
-5
0
5
10
15
-15
-12.5
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
12.5
15
MAX Operating
MAX Specified
Dual Supply VS = ±15V, G = 100V/V, REF = GND
Figure 6-28. Input Voltage
vs Output Voltage for Dual Supply VS = ±15V
Min/Max Output Voltage (V)
0
1
2
3
4
5
0
1
2
3
4
5
MAX Specified
Single Supply VS = 5V, REF = GND
Figure 6-29. Input Voltage
vs Output Voltage for Single Supply VS = 5V
Frequency (Hz)
0
1
2
3
4
100
1k
10k
100k
1M
10M
100M
VS = 15V
G = 20V/V
.
Figure 6-30. Large-Signal Frequency Response, G = 20V/V
Frequency (Hz)
0
3
6
9
12
15
100
1k
10k
100k
1M
10M
Vs = 5V
Vs = 15V
G = 100V/V
Figure 6-31. Large-Signal Frequency Response, G = 100V/V
Time (0.05 s/div)
-60
-20
20
60
100
CL = 46 pF
CL = 204 pF
CL = 512 pF
CL = 712 pF
CL = 978 pF
G = 20V/V
Figure 6-32. Overshoot vs Capacitive Loads, Rising
INA630
SBOSAI8A – MARCH 2025 – REVISED JULY 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com