Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA828 Datasheet(PDF) 19 Page - Texas Instruments

Part # INA828
Description  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA828 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA828 Datasheet HTML 15Page - Texas Instruments INA828 Datasheet HTML 16Page - Texas Instruments INA828 Datasheet HTML 17Page - Texas Instruments INA828 Datasheet HTML 18Page - Texas Instruments INA828 Datasheet HTML 19Page - Texas Instruments INA828 Datasheet HTML 20Page - Texas Instruments INA828 Datasheet HTML 21Page - Texas Instruments INA828 Datasheet HTML 22Page - Texas Instruments INA828 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
8.1.1 Reference Pin
In traditional 3-op amp instrumentation amplifier, the output voltage is developed with respect to the voltage
on the reference pin (REF). Often in dual-supply operation, this reference pin connects to the low-impedance
system ground so any additional impedance at the reference pin degrades the CMRR and gain accuracy.
Impedance on the INA630 reference pin does not affect the CMRR due to the architecture.
However, gain accuracy can be affected by impedance on the reference pin (see Equation 2):
G = 1 + R2+RREFR1  
(2)
+IN
-IN
+V
OUT
-V
INA630
R1
R2
INP
INN
R
REF
+
–
VREF
Figure 8-1. Effect of Reference Pin Impedance on Gain Accuracy
To ensure negligible effect of the reference pin impedance on the gain accuracy (<0.001%), keep:
• Reference impedance < 0.2Ω for G = 20V/V, R1 = 1kΩ
• Reference impedance < 1Ω for G = 100V/V, R1 = 1kΩ
Voltage reference devices can provide low-impedance voltage sources for the reference pin.
www.ti.com
INA630
SBOSAI8A – MARCH 2025 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com