Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151XD Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32L151XD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XD Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32L151XD Datasheet HTML 98Page - STMicroelectronics STM32L151XD Datasheet HTML 99Page - STMicroelectronics STM32L151XD Datasheet HTML 100Page - STMicroelectronics STM32L151XD Datasheet HTML 101Page - STMicroelectronics STM32L151XD Datasheet HTML 102Page - STMicroelectronics STM32L151XD Datasheet HTML 103Page - STMicroelectronics STM32L151XD Datasheet HTML 104Page - STMicroelectronics STM32L151XD Datasheet HTML 105Page - STMicroelectronics STM32L151XD Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 154 page
background image
Electrical characteristics
STM32L151xD STM32L152xD
102/154
DocID022027 Rev 11
To complete these trials, ESD stress can be applied directly on the device, over the range of
specification values. When unexpected behavior is detected, the software can be hardened
to prevent unrecoverable errors occurring (see application note AN1015).
Electromagnetic Interference (EMI)
The electromagnetic field emitted by the device are monitored while a simple application is
executed (toggling 2 LEDs through the I/O ports). This emission test is compliant with
IEC 61967-2 standard which specifies the test board and the pin loading.
6.3.12
Electrical sensitivity characteristics
Based on three different tests (ESD, LU) using specific measurement methods, the device is
stressed in order to determine its performance in terms of electrical sensitivity.
Electrostatic discharge (ESD)
Electrostatic discharges (a positive then a negative pulse separated by 1 second) are
applied to the pins of each sample according to each pin combination. The sample size
depends on the number of supply pins in the device (3 parts × (n+1) supply pins). This test
conforms to the JESD22-A114/C101 standard.
Table 46. EMI characteristics
Symbol Parameter
Conditions
Monitored
frequency band
Max vs. frequency range
Unit
4 MHz
voltage
range 3
16 MHz
voltage
range 2
32 MHz
voltage
range 1
SEMI
Peak level
VDD = 3.3 V,
TA = 25 °C,
LQFP100 package
compliant with IEC
61967-2
0.1 to 30 MHz
3
-6
-5
dBµV
30 to 130 MHz
18
4
-7
130 MHz to 1GHz
15
5
-7
SAE EMI Level
2.5
2
1
-
Table 47. ESD absolute maximum ratings
Symbol
Ratings
Conditions
Class
Maximum
value(1)
1. Guaranteed by characterization results.
Unit
VESD(HBM)
Electrostatic
discharge voltage
(human body model)
TA = +25 °C, conforming
to JESD22-A114
2
2000
V
VESD(CDM)
Electrostatic
discharge voltage
(charge device model)
TA = +25 °C, conforming
to JESD22-C101
III
500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com