Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151XD Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32L151XD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XD Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32L151XD Datasheet HTML 100Page - STMicroelectronics STM32L151XD Datasheet HTML 101Page - STMicroelectronics STM32L151XD Datasheet HTML 102Page - STMicroelectronics STM32L151XD Datasheet HTML 103Page - STMicroelectronics STM32L151XD Datasheet HTML 104Page - STMicroelectronics STM32L151XD Datasheet HTML 105Page - STMicroelectronics STM32L151XD Datasheet HTML 106Page - STMicroelectronics STM32L151XD Datasheet HTML 107Page - STMicroelectronics STM32L151XD Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 154 page
background image
Electrical characteristics
STM32L151xD STM32L152xD
104/154
DocID022027 Rev 11
6.3.14
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 56 are derived from tests
performed under the conditions summarized in Table 13. All I/Os are CMOS and TTL
compliant.
Table 50. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
-
-
-
0.3VDD
(1)
V
VIH
Input high level voltage
Standard I/O
0.7 VDD
--
FT I/O
-
-
BOOT0 I/O
-
-
Vhys
I/O Schmitt trigger voltage
hysteresis(2)
Standard I/O
-
10%
VDD(3)
-
Ilkg
Input leakage current(4)
VSS ≤VIN ≤VDD
I/Os with LCD
--
±50
nA
VSS ≤VIN ≤VDD
I/Os with analog
switches
--
±50
VSS ≤VIN ≤VDD
I/Os with analog
switches and LCD
--
±50
VSS ≤VIN ≤VDD
I/Os with USB
-
-
±250
VSS ≤VIN ≤VDD
Standard I/Os
--
±50
FT I/O
VDD ≤ VIN ≤ 5V
--
±10
uA
RPU
Weak pull-up equivalent
resistor(1)(5)
VIN = VSS
30
45
60
k
Ω
RPD
Weak pull-down equivalent
resistor(5)
VIN = VDD
30
45
60
k
Ω
CIO
I/O pin capacitance
-
-
5
-
pF
1. Guaranteed by test in production
2. Hysteresis voltage between Schmitt trigger switching levels. Guaranteed by characterization results.
3. With a minimum of 200 mV. Guaranteed by characterization results.
4. The max. value may be exceeded if negative current is injected on adjacent pins.
5. Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com