Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151XD Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32L151XD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XD Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32L151XD Datasheet HTML 103Page - STMicroelectronics STM32L151XD Datasheet HTML 104Page - STMicroelectronics STM32L151XD Datasheet HTML 105Page - STMicroelectronics STM32L151XD Datasheet HTML 106Page - STMicroelectronics STM32L151XD Datasheet HTML 107Page - STMicroelectronics STM32L151XD Datasheet HTML 108Page - STMicroelectronics STM32L151XD Datasheet HTML 109Page - STMicroelectronics STM32L151XD Datasheet HTML 110Page - STMicroelectronics STM32L151XD Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 154 page
background image
DocID022027 Rev 11
107/154
STM32L151xD STM32L152xD
Electrical characteristics
129
Figure 26. I/O AC characteristics definition
6.3.15
NRST pin characteristics
The NRST pin input driver uses CMOS technology. It is connected to a permanent pull-up
resistor, RPU (see Table 53)
Unless otherwise specified, the parameters given in Table 53 are derived from tests
performed under the conditions summarized in Table 13.
Table 53. NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(NRST)(1)
NRST input low level
voltage
--
-
0.3 VDD
V
VIH(NRST)(1)
NRST input high
level voltage
-
0.7 VDD
--
VOL(NRST)(1)
NRST output low
level voltage
IOL = 2 mA
2.7 V < VDD < 3.6 V
--
0.4
IOL = 1.5 mA
1.65 V < VDD < 2.7 V
--
Vhys(NRST)(1)
NRST Schmitt trigger
voltage hysteresis
-
-
10%VDD(2)
-mV
RPU
Weak pull-up
equivalent resistor(3)
VIN = VSS
30
45
60
k
Ω
VF(NRST)(1)
NRST input filtered
pulse
--
-
50
ns
VNF(NRST)(3)
NRST input not
filtered pulse
-350
-
-
ns
1. Guaranteed by design.
2. With a minimum of 200 mV.
3. The pull-up is designed with a true resistance in series with a switchable PMOS. This PMOS contribution to the series
resistance is around 10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com