Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151XD Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32L151XD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XD Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32L151XD Datasheet HTML 111Page - STMicroelectronics STM32L151XD Datasheet HTML 112Page - STMicroelectronics STM32L151XD Datasheet HTML 113Page - STMicroelectronics STM32L151XD Datasheet HTML 114Page - STMicroelectronics STM32L151XD Datasheet HTML 115Page - STMicroelectronics STM32L151XD Datasheet HTML 116Page - STMicroelectronics STM32L151XD Datasheet HTML 117Page - STMicroelectronics STM32L151XD Datasheet HTML 118Page - STMicroelectronics STM32L151XD Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 154 page
background image
DocID022027 Rev 11
115/154
STM32L151xD STM32L152xD
Electrical characteristics
129
I2S characteristics
Note:
Refer to the I2S section of the product reference manual for more details about the sampling
frequency (Fs), fMCK, fCK and DCK values. These values reflect only the digital peripheral
behavior, source clock precision might slightly change them. DCK depends mainly on the
trfm
Rise/ fall time matching
tr/tf
90
110
%
VCRS
Output signal crossover voltage
1.3
2.0
V
1. Guaranteed by design.
2. Measured from 10% to 90% of the data signal. For more detailed informations, please refer to USB
Specification - Chapter 7 (version 2.0).
Table 61. I2S characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
fMCK
I2S Main Clock Output
256 x 8K 256xFs (1)
1. The maximum for 256xFs is 8 MHz
MHz
fCK
I2S clock frequency
Master data: 32 bits
-
64xFs
MHz
Slave data: 32 bits
-
64xFs
DCK
I2S clock frequency duty cycle Slave receiver, 48KHz
30
70
%
tr(CK)
I2S clock rise time
Capacitive load CL=30pF
-
8
ns
tf(CK)
I2S clock fall time
8
tv(WS)
WS valid time
Master mode
4
24
th(WS)
WS hold time
Master mode
0
-
tsu(WS)
WS setup time
Slave mode
15
-
th(WS)
WS hold time
Slave mode
0
-
tsu(SD_MR) Data input setup time
Master receiver
8
-
tsu(SD_SR) Data input setup time
Slave receiver
9
-
th(SD_MR)
Data input hold time
Master receiver
5
-
th(SD_SR)
Slave receiver
4
-
tv(SD_ST) Data output valid time
Slave transmitter
(after enable edge)
-64
th(SD_ST) Data output hold time
Slave transmitter
(after enable edge)
22
-
tv(SD_MT) Data output valid time
Master transmitter
(after enable edge)
-12
th(SD_MT) Data output hold time
Master transmitter
(after enable edge)
8-
Table 60. USB: full speed electrical characteristics (continued)
Driver characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com