Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151XD Datasheet(PDF) 117 Page - STMicroelectronics

Part # STM32L151XD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XD Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STM32L151XD Datasheet HTML 113Page - STMicroelectronics STM32L151XD Datasheet HTML 114Page - STMicroelectronics STM32L151XD Datasheet HTML 115Page - STMicroelectronics STM32L151XD Datasheet HTML 116Page - STMicroelectronics STM32L151XD Datasheet HTML 117Page - STMicroelectronics STM32L151XD Datasheet HTML 118Page - STMicroelectronics STM32L151XD Datasheet HTML 119Page - STMicroelectronics STM32L151XD Datasheet HTML 120Page - STMicroelectronics STM32L151XD Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 154 page
background image
DocID022027 Rev 11
117/154
STM32L151xD STM32L152xD
Electrical characteristics
129
6.3.18
SDIO characteristics
Figure 35. SDIO timings
Table 62. SDIO characteristics(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Conditions
Min
Max
Unit
fPP
Clock frequency in data transfer mode
CL
≤30 pF
0
24
MHz
tW(CKL) Clock low time, fPP = 24 MHz
CL
≤30 pF
20(2)
2. Values measured with a threshold level equal to VDD/2.
-
ns
tW(CKH) Clock high time, fPP = 24 MHz
CL
≤30 pF
18(2)
-
tr
Clock rise time, fPP = 24 MHz
CL
≤30 pF
-
5
tf
Clock fall time, fPP = 24 MHz
CL
≤30 pF
-
5
CMD, D inputs (referenced to CK) in SD default mode
-
From 2.8
to 3.6 V
--
tISU
Input setup time, fPP = 24 MHz
CL
≤30 pF
2
-
ns
tIH
Input hold time, fPP = 24 MHz
CL
≤30 pF
1.6
-
CMD, D outputs (referenced to CK) in SD default mode
tOVD
Output valid default time, fPP = 24 MHz
CL
≤30 pF
0
14
ns
tOHD
Output hold default time, fPP = 24 MHz
CL
≤30 pF
0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com