Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151XD Datasheet(PDF) 122 Page - STMicroelectronics

Part # STM32L151XD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XD Datasheet(HTML) 122 Page - STMicroelectronics

Back Button STM32L151XD Datasheet HTML 118Page - STMicroelectronics STM32L151XD Datasheet HTML 119Page - STMicroelectronics STM32L151XD Datasheet HTML 120Page - STMicroelectronics STM32L151XD Datasheet HTML 121Page - STMicroelectronics STM32L151XD Datasheet HTML 122Page - STMicroelectronics STM32L151XD Datasheet HTML 123Page - STMicroelectronics STM32L151XD Datasheet HTML 124Page - STMicroelectronics STM32L151XD Datasheet HTML 125Page - STMicroelectronics STM32L151XD Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 154 page
background image
Electrical characteristics
STM32L151xD STM32L152xD
122/154
DocID022027 Rev 11
Figure 38. Maximum dynamic current consumption on VREF+ supply pin during ADC
conversion
General PCB design guidelines
Power supply decoupling should be performed as shown in Figure 11. The applicable
procedure depends on whether VREF+ is connected to VDDA or not. The 100 nF capacitors
should be ceramic (good quality). They should be placed as close as possible to the chip.
ADC clock
Sampling (n cycles)
Conversion (12 cycles)
Iref+
300µA
700µA
MS36686V1
Table 66. Maximum source impedance RAIN max(1)
Ts
(µs)
RAIN max (kΩ)
Ts (cycles)
fADC=16 MHz(2)
Multiplexed channels
Direct channels
2.4 V < VDDA < 3.6 V 1.8 V < VDDA < 2.4 V 2.4 V < VDDA < 3.6 V 1.8 V < VDDA < 2.4 V
0.25
Not allowed
Not allowed
0.7
Not allowed
4
0.5625
0.8
Not allowed
2.0
1.0
9
1
2.0
0.8
4.0
3.0
16
1.5
3.0
1.8
6.0
4.5
24
3
6.8
4.0
15.0
10.0
48
6
15.0
10.0
30.0
20.0
96
12
32.0
25.0
50.0
40.0
192
24
50.0
50.0
50.0
50.0
384
1. Guaranteed by design.
2. Number of samples calculated for fADC = 16 MHz. For fADC = 8 and 4 MHz the number of sampling cycles can be reduced
with respect to the minimum sampling time Ts (µs),



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com