Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151XD Datasheet(PDF) 124 Page - STMicroelectronics

Part # STM32L151XD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XD Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STM32L151XD Datasheet HTML 120Page - STMicroelectronics STM32L151XD Datasheet HTML 121Page - STMicroelectronics STM32L151XD Datasheet HTML 122Page - STMicroelectronics STM32L151XD Datasheet HTML 123Page - STMicroelectronics STM32L151XD Datasheet HTML 124Page - STMicroelectronics STM32L151XD Datasheet HTML 125Page - STMicroelectronics STM32L151XD Datasheet HTML 126Page - STMicroelectronics STM32L151XD Datasheet HTML 127Page - STMicroelectronics STM32L151XD Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 154 page
background image
Electrical characteristics
STM32L151xD STM32L152xD
124/154
DocID022027 Rev 11
dOffset/dT(1)
Offset error temperature
coefficient (code 0x800)
VDDA = 3.3V
VREF+ = 3.0V
TA = 0 to 50 ° C
DAC output buffer OFF
-20
-10
0
µV/°C
VDDA = 3.3V
VREF+ = 3.0V
TA = 0 to 50 ° C
DAC output buffer ON
020
50
Gain(1)
Gain error(7)
CL ≤ 50 pF, RL ≥ 5 kΩ
DAC output buffer ON
-
+0.1 / -0.2% +0.2 / -0.5%
%
No RL, CL ≤ 50 pF
DAC output buffer OFF
-
+0 / -0.2%
+0 / -0.4%
dGain/dT(1)
Gain error temperature
coefficient
VDDA = 3.3V
VREF+ = 3.0V
TA = 0 to 50 ° C
DAC output buffer OFF
-10
-2
0
µV/°C
VDDA = 3.3V
VREF+ = 3.0V
TA = 0 to 50 ° C
DAC output buffer ON
-40
-8
0
TUE(1)
Total unadjusted error
CL ≤ 50 pF, RL ≥ 5 kΩ
DAC output buffer ON
-12
30
LSB
No RL, CL ≤ 50 pF
DAC output buffer OFF
-8
12
tSETTLING
Settling time (full scale:
for a 12-bit code
transition between the
lowest and the highest
input codes till
DAC_OUT reaches final
value ±1LSB
CL ≤ 50 pF, RL ≥ 5 kΩ
-
7
12
µs
Update rate
Max frequency for a
correct DAC_OUT
change (95% of final
value) with 1 LSB
variation in the input
code
CL ≤ 50 pF, RL ≥ 5 kΩ
-
-
1
Msps
tWAKEUP
Wakeup time from off
state (setting the ENx bit
in the DAC Control
register)(8)
CL ≤ 50 pF, RL ≥ 5 kΩ
-
9
15
µs
PSRR+
VDDA supply rejection
ratio (static DC
measurement)
CL ≤ 50 pF, RL ≥ 5 kΩ
-
-60
-35
dB
1. Data based on characterization results.
2. Connected between DAC_OUT and VSSA.
3. Difference between two consecutive codes - 1 LSB.
Table 67. DAC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com