Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151XD Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32L151XD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XD Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32L151XD Datasheet HTML 123Page - STMicroelectronics STM32L151XD Datasheet HTML 124Page - STMicroelectronics STM32L151XD Datasheet HTML 125Page - STMicroelectronics STM32L151XD Datasheet HTML 126Page - STMicroelectronics STM32L151XD Datasheet HTML 127Page - STMicroelectronics STM32L151XD Datasheet HTML 128Page - STMicroelectronics STM32L151XD Datasheet HTML 129Page - STMicroelectronics STM32L151XD Datasheet HTML 130Page - STMicroelectronics STM32L151XD Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 154 page
background image
DocID022027 Rev 11
127/154
STM32L151xD STM32L152xD
Electrical characteristics
129
6.3.22
Temperature sensor characteristics
6.3.23
Comparator
Table 69. Temperature sensor calibration values
Calibration value name
Description
Memory address
TS_CAL1
TS ADC raw data acquired at
temperature of 30 °C
±5 °C
VDDA= 3 V ±10 mV
0x1FF8 00FA - 0x1FF8 00FB
TS_CAL2
TS ADC raw data acquired at
temperature of 110 °C
±5 °C
VDDA= 3 V ±10 mV
0x1FF8 00FE - 0x1FF8 00FF
Table 70. Temperature sensor characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TL(1)
1. Guaranteed by characterization results.
VSENSE linearity with temperature
-
±1
±2°C
Avg_Slope(1)
Average slope
1.48
1.61
1.75
mV/°C
V110
Voltage at 110°C ±5°C(2)
2. Measured at VDD = 3 V ±10 mV. V110 ADC conversion result is stored in the TS_CAL2 byte.
612
626.8
641.5
mV
IDDA(TEMP)(3)
Current consumption
-
3.4
6
µA
tSTART(3)
3. Guaranteed by design.
Startup time
-
-
10
µs
TS_temp(3)
ADC sampling time when reading the
temperature
4-
-
Table 71. Comparator 1 characteristics
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Unit
VDDA
Analog supply voltage
-
1.65
3.6
V
R400K
R400K value
-
-
400
-
k
Ω
R10K
R10K value
-
-
10
-
VIN
Comparator 1 input
voltage range
-0.6
-
VDDA
V
tSTART
Comparator startup time
-
-
7
10
µs
td
Propagation delay(2)
--
3
10
Voffset
Comparator offset
-
-
±3
±10
mV
dVoffset/dt
Comparator offset
variation in worst voltage
stress conditions
VDDA = 3.6 V
VIN+ = 0 V
VIN- = VREFINT
TA = 25 ° C
0
1.5
10
mV/1000 h
ICOMP1
Current consumption(3)
-
-
160
260
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com