Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151XD Datasheet(PDF) 129 Page - STMicroelectronics

Part # STM32L151XD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151XD Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM32L151XD Datasheet HTML 125Page - STMicroelectronics STM32L151XD Datasheet HTML 126Page - STMicroelectronics STM32L151XD Datasheet HTML 127Page - STMicroelectronics STM32L151XD Datasheet HTML 128Page - STMicroelectronics STM32L151XD Datasheet HTML 129Page - STMicroelectronics STM32L151XD Datasheet HTML 130Page - STMicroelectronics STM32L151XD Datasheet HTML 131Page - STMicroelectronics STM32L151XD Datasheet HTML 132Page - STMicroelectronics STM32L151XD Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 154 page
background image
DocID022027 Rev 11
129/154
STM32L151xD STM32L152xD
Electrical characteristics
129
6.3.24
LCD controller
The device embeds a built-in step-up converter to provide a constant LCD reference voltage
independently from the VDD voltage. An external capacitor Cext must be connected to the
VLCD pin to decouple this converter.
Table 73. LCD controller characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VLCD
LCD external voltage
-
-
3.6
V
VLCD0
LCD internal reference voltage 0
-
2.6
-
VLCD1
LCD internal reference voltage 1
-
2.73
-
VLCD2
LCD internal reference voltage 2
-
2.86
-
VLCD3
LCD internal reference voltage 3
-
2.98
-
VLCD4
LCD internal reference voltage 4
-
3.12
-
VLCD5
LCD internal reference voltage 5
-
3.26
-
VLCD6
LCD internal reference voltage 6
-
3.4
-
VLCD7
LCD internal reference voltage 7
-
3.55
-
Cext
VLCD external capacitance
0.1
-
2
µF
ILCD(1)
1. LCD enabled with 3 V internal step-up active, 1/8 duty, 1/4 bias, division ratio= 64, all pixels active, no LCD
connected.
Supply current at VDD = 2.2 V
-
3.3
-
µA
Supply current at VDD = 3.0 V
-
3.1
-
RHtot(2)
2. Guaranteed by design.
Low drive resistive network overall value
5.28
6.6
7.92
M
Ω
RL(2)
High drive resistive network total value
192
240
288
k
Ω
V44
Segment/Common highest level voltage
-
-
VLCD
V
V34
Segment/Common 3/4 level voltage
-
3/4 VLCD
-
V
V23
Segment/Common 2/3 level voltage
-
2/3 VLCD
-
V12
Segment/Common 1/2 level voltage
-
1/2 VLCD
-
V13
Segment/Common 1/3 level voltage
-
1/3 VLCD
-
V14
Segment/Common 1/4 level voltage
-
1/4 VLCD
-
V0
Segment/Common lowest level voltage
0
-
-
ΔVxx(3)
3. Guaranteed by characterization results.
Segment/Common level voltage error
TA = -40 to 105 ° C
--
± 50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com