Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO1050 Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO1050
Description  ISO1050 Isolated CAN Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1050 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO1050 Datasheet HTML 17Page - Texas Instruments ISO1050 Datasheet HTML 18Page - Texas Instruments ISO1050 Datasheet HTML 19Page - Texas Instruments ISO1050 Datasheet HTML 20Page - Texas Instruments ISO1050 Datasheet HTML 21Page - Texas Instruments ISO1050 Datasheet HTML 22Page - Texas Instruments ISO1050 Datasheet HTML 23Page - Texas Instruments ISO1050 Datasheet HTML 24Page - Texas Instruments ISO1050 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Normal CAN
communication
CAN
Bus
Signal
TXD fault stuck dominant: example PCB failure or
bad software
Fault is repaired and local node
transmission capability restored
TXD
%XV ZRXOG EH ³VWXFN GRPLQDQW´ EORFNLQJ
communication for the whole network but
TXD DTO prevents this and frees the bus
for communication after the time tTXD_DTO.
tTXD_DTO
Communication from
repaired local node
Communication from other
network nodes
Figure 8-3. Example Timing Diagram for Devices With TXD DTO
8.3.3.2 Thermal Shutdown
If the junction temperature of the device exceeds the thermal shut down threshold the device turns off the
CAN driver circuits thus blocking the TXD to bus transmission path. The shutdown condition is cleared when
the junction temperature drops below the thermal shutdown temperature of the device. If the fault condition is
still present, the temperature may rise again and the device would enter thermal shut down again. Prolonged
operation with thermal shutdown conditions may affect device reliability.
Note
During thermal shutdown the CAN bus drivers turn off; thus no transmission is possible from TXD to
the bus. The CAN bus pins are biased to recessive level during a thermal shutdown, and the receiver
to RXD path remains operational.
8.3.3.3 Undervoltage Lockout and Fail-Safe
The supply pins have undervoltage detection that places the device in protected or fail-safe mode. This protects
the bus during an undervoltage event on VCC1 or VCC2 supply pins. If the bus-side power supply VCC2 is
lower than about 4 V, the power shutdown circuits in the ISO1050 will disable the transceiver to prevent false
transmissions due to an unstable supply. If VCC1 is still active when this occurs, the receiver output (RXD) will go
to a fail-safe HIGH (recessive) value in about 6 microseconds.
Table 8-1. Undervoltage Lockout and Fail-Safe
VCC1
VCC2
DEVICE STATE
BUS OUTPUT
RXD
GOOD
GOOD
Functional
Per Device State and TXD
Mirrors Bus
BAD
GOOD
Protected
Recessive
High Impedance (3-state)
GOOD
BAD
Protected
High Impedance
Recessive (Fail-Safe High)
space
Note
After an undervoltage condition is cleared and the supplies have returned to valid levels, the device
typically resumes normal operation in 300 µs
8.3.3.4 Floating Pins
Pullups and pulldowns should be used on critical pins to place the device into known states if the pins float. The
TXD pin should be pulled up through a resistor to VCC1 to force a recessive input level if the microprocessor
output to the pin floats.
www.ti.com
ISO1050
SLLS983L – JUNE 2009 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISO1050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com