Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO1050 Datasheet(PDF) 13 Page - Texas Instruments

Part # ISO1050
Description  ISO1050 Isolated CAN Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1050 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO1050 Datasheet HTML 9Page - Texas Instruments ISO1050 Datasheet HTML 10Page - Texas Instruments ISO1050 Datasheet HTML 11Page - Texas Instruments ISO1050 Datasheet HTML 12Page - Texas Instruments ISO1050 Datasheet HTML 13Page - Texas Instruments ISO1050 Datasheet HTML 14Page - Texas Instruments ISO1050 Datasheet HTML 15Page - Texas Instruments ISO1050 Datasheet HTML 16Page - Texas Instruments ISO1050 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
6.12 Typical Characteristics
TA - Free-Air Temperature - C
-60
-40
-20
0
20
40
60
80
100
120
115
120
125
130
135
140
145
150
VCC1 = 3V, VCC2 = 4.75V
VCC1 = 5V, VCC2 = 5V
VCC1 = 5.5V, VCC2 = 5.25V
Figure 6-3. Recessive-to-Dominant Loop Time vs Free-Air
Temperature (Across Vcc)
TA - Free Air Temperature - C
-60
-40
-20
0
20
40
60
80
100
120
140
145
150
155
160
165
170
175
VCC1 = 3V, VCC2 = 4.75V
VCC1 = 5V, VCC2 = 5V
VCC1 = 5.5V, VCC2 = 5.25V
Figure 6-4. Dominant-to-Recessive Loop Time vs Free-Air
Temperature (Across Vcc)
Signaling Rate - kbps
250
350
450
550
650
750
850
950
1
2
3
5
7
10
20
30
50
70
100
ICC1 = 5V
ICC2 = 5V
ICC1 = 3.3V
Figure 6-5. Supply Current (RMS) vs Signaling Rate (kbps)
TA - Free Air Temperature - C
-60
-40
-20
0
20
40
60
80
100
120
1
1.5
2
2.5
3
3.5
4
4.5
5
VO = CANH
VO = CANL
Figure 6-6. Driver Output Voltage vs Free-Air Temperature
Figure 6-7. Emissions Spectrum to 10 MHz
Figure 6-8. Emissions Spectrum to 50 MHz
www.ti.com
ISO1050
SLLS983L – JUNE 2009 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISO1050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com