Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO1050 Datasheet(PDF) 28 Page - Texas Instruments

Part # ISO1050
Description  ISO1050 Isolated CAN Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1050 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ISO1050 Datasheet HTML 24Page - Texas Instruments ISO1050 Datasheet HTML 25Page - Texas Instruments ISO1050 Datasheet HTML 26Page - Texas Instruments ISO1050 Datasheet HTML 27Page - Texas Instruments ISO1050 Datasheet HTML 28Page - Texas Instruments ISO1050 Datasheet HTML 29Page - Texas Instruments ISO1050 Datasheet HTML 30Page - Texas Instruments ISO1050 Datasheet HTML 31Page - Texas Instruments ISO1050 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
11 Layout
11.1 Layout Guidelines
A minimum of four layers is required to accomplish a low EMI PCB design (see Figure 11-1). Layer stacking
should be in the following order (top-to-bottom): high-speed signal layer, ground plane, power plane and low-
frequency signal layer.
• Routing the high-speed traces on the top layer avoids the use of vias (and the introduction of their
inductances) and allows for clean interconnects between the isolator and the transmitter and receiver circuits
of the data link.
• Placing a solid ground plane next to the high-speed signal layer establishes controlled impedance for
transmission line interconnects and provides an excellent low-inductance path for the return current flow.
• Placing the power plane next to the ground plane creates additional high-frequency bypass capacitance of
approximately 100 pF/in2.
• Routing the slower speed control signals on the bottom layer allows for greater flexibility as these signal links
usually have margin to tolerate discontinuities such as vias.
If an additional supply voltage plane or signal layer is needed, add a second power / ground plane system
to the stack to keep it symmetrical. This makes the stack mechanically stable and prevents it from warping.
Also the power and ground plane of each power system can be placed closer together, thus increasing the
high-frequency bypass capacitance significantly.
For detailed layout recommendations, see Application Note SLLA284, Digital Isolator Design Guide.
11.1.1 PCB Material
For digital circuit boards operating below 150 Mbps, (or rise and fall times higher than 1 ns), and trace lengths
of up to 10 inches, use standard FR-4 epoxy-glass as PCB material. FR-4 (Flame Retardant 4) meets the
requirements of Underwriters Laboratories UL94-V0, and is preferred over cheaper alternatives due to its
lower dielectric losses at high frequencies, less moisture absorption, greater strength and stiffness, and its
self-extinguishing flammability-characteristics.
11.2 Layout Example
10 mils
10 mils
40 mils
FR-4
0r ~ 4.5
Keep this
space free
from planes,
traces, pads,
and vias
Ground plane
Power plane
Low-speed traces
High-speed traces
Figure 11-1. Recommended Layer Stack
ISO1050
SLLS983L – JUNE 2009 – REVISED OCTOBER 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO1050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com