Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO1050 Datasheet(PDF) 32 Page - Texas Instruments

Part # ISO1050
Description  ISO1050 Isolated CAN Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1050 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ISO1050 Datasheet HTML 28Page - Texas Instruments ISO1050 Datasheet HTML 29Page - Texas Instruments ISO1050 Datasheet HTML 30Page - Texas Instruments ISO1050 Datasheet HTML 31Page - Texas Instruments ISO1050 Datasheet HTML 32Page - Texas Instruments ISO1050 Datasheet HTML 33Page - Texas Instruments ISO1050 Datasheet HTML 34Page - Texas Instruments ISO1050 Datasheet HTML 35Page - Texas Instruments ISO1050 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
R0.05 TYP
R0.05 TYP
16X (1.65)
16X (0.6)
14X (1.27)
(9.75)
16X (2)
16X (0.6)
14X (1.27)
(9.3)
4221009/B 07/2016
SOIC - 2.65 mm max height
DW0016B
SOIC
NOTES: (continued)
8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
9. Board assembly site may have different recommendations for stencil design.
SYMM
SYMM
1
8
9
16
HV / ISOLATION OPTION
8.1 mm CLEARANCE/CREEPAGE
BASED ON 0.125 mm THICK STENCIL
SOLDER PASTE EXAMPLE
SCALE:4X
SYMM
SYMM
1
8
9
16
IPC-7351 NOMINAL
7.3 mm CLEARANCE/CREEPAGE
ISO1050
SLLS983L – JUNE 2009 – REVISED OCTOBER 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO1050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com