Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO1050 Datasheet(PDF) 12 Page - Texas Instruments

Part # ISO1050
Description  ISO1050 Isolated CAN Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1050 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO1050 Datasheet HTML 8Page - Texas Instruments ISO1050 Datasheet HTML 9Page - Texas Instruments ISO1050 Datasheet HTML 10Page - Texas Instruments ISO1050 Datasheet HTML 11Page - Texas Instruments ISO1050 Datasheet HTML 12Page - Texas Instruments ISO1050 Datasheet HTML 13Page - Texas Instruments ISO1050 Datasheet HTML 14Page - Texas Instruments ISO1050 Datasheet HTML 15Page - Texas Instruments ISO1050 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
6.10 Switching Characteristics
Typical specifications are at VCC1 = 3.3V, VCC2 = 5V, Min/Max are over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DEVICE SWITCHING CHARACTERISTICS
tPROP(LOO
P1)
Total loop delay, driver input TXD to
receiver RXD, recessive to dominant
See Figure 7-9
100
150
210
ns
tPROP(LOO
P2)
Total loop delay, driver input TXD to
receiver RXD, dominant to recessive
See Figure 7-9
112
150
210
ns
DRIVER SWITCHING CHARACTERISTICS
tPLH
Propagation delay time, recessive-to-
dominant output
See Figure 7-4
74
110
ns
tPHL
Propagation delay time, dominant-to-
recessive output
82
110
tR
Differential output signal rise time
20
50
tF
Differential output signal fall time
52
63
tTXD_DTO Dominant time out
CL = 100 pF, See Figure 7-10
1.2
4
ms
RECEIVER SWITCHING CHARACTERISTICS
tPLH
Propagation delay time, low-to-high-level
output
TXD at 3 V, See Figure 7-6
66
90
130
ns
tPHL
Propagation delay time, high-to-low-level
output
51
80
105
ns
tR
Output signal rise time(RXD)
3
6
ns
tF
Output signal fall time(RXD)
3
6
ns
tfs
Fail-Safe output delay time from bus-side
power loss
VCC1 at 5 V, See Figure 7-12
6
us
6.11 Insulation Characteristics Curves
Figure 6-1. DUB-8 Thermal Derating Curve per VDE
Case Temperature (°C)
0
50
100
150
200
0
100
200
300
400
500
VCC1 = 3.6 V
VCC1 = VCC2 = 5.5 V
Figure 6-2. DW-16 Thermal Derating Curve per VDE
ISO1050
SLLS983L – JUNE 2009 – REVISED OCTOBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO1050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com