Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7840 Datasheet(PDF) 19 Page - Texas Instruments

Part # ISO7840
Description  ISO7840x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7840 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ISO7840 Datasheet HTML 15Page - Texas Instruments ISO7840 Datasheet HTML 16Page - Texas Instruments ISO7840 Datasheet HTML 17Page - Texas Instruments ISO7840 Datasheet HTML 18Page - Texas Instruments ISO7840 Datasheet HTML 19Page - Texas Instruments ISO7840 Datasheet HTML 20Page - Texas Instruments ISO7840 Datasheet HTML 21Page - Texas Instruments ISO7840 Datasheet HTML 22Page - Texas Instruments ISO7840 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
7.3 Feature Description
Table 7-1 lists the device features.
Table 7-1. Device Features
PART NUMBER
CHANNEL DIRECTION
RATED ISOLATION
MAXIMUM DATA RATE
DEFAULT OUTPUT
ISO7840
4 Forward,
5700VRMS / 8000VPK (1)
100Mbps
High
0 Reverse
ISO7840F
4 Forward,
5700VRMS / 8000VPK (1)
100Mbps
Low
0 Reverse
(1)
See Insulation Specifications for detailed isolation ratings.
7.3.1 Electromagnetic Compatibility (EMC) Considerations
Many applications in harsh industrial environment are sensitive to disturbances such as electrostatic
discharge (ESD), electrical fast transient (EFT), surge, and electromagnetic emissions. These electromagnetic
disturbances are regulated by international standards such as IEC 61000-4-x and CISPR 22. Although system-
level performance and reliability depends, to a large extent, on the application board design and layout, the
ISO7840 device incorporates many chip-level design improvements for overall system robustness. Some of
these improvements include
• Robust ESD protection cells for input and output signal pins and inter-chip bond pads.
• Low-resistance connectivity of ESD cells to supply and ground pins.
• Enhanced performance of high voltage isolation capacitor for better tolerance of ESD, EFT and surge events.
• Bigger on-chip decoupling capacitors to bypass undesirable high energy signals through a low impedance
path.
• PMOS and NMOS devices isolated from each other by using guard rings to avoid triggering of parasitic
SCRs.
• Reduced common mode currents across the isolation barrier by providing purely differential internal
operation.
7.4 Device Functional Modes
Table 7-2 lists the ISO7840 functional modes.
Table 7-2. Function Table
VCCI
VCCO
INPUT
(INx)(2)
OUTPUT
ENABLE
(EN2)
OUTPUT
(OUTx)
COMMENTS
PU
PU
H
H or open
H
Normal Operation:
A channel output assumes the logic state of the input.
L
H or open
L
Open
H or open
Default
Default mode: When INx is open, the corresponding channel output goes to
the default logic state. Default= High for ISO7840 and Low for ISO7840F.
X
PU
X
L
Z
A low value of Output Enable causes the outputs to be high-impedance
PD
PU
X
H or open
Default
Default mode: When VCCI is unpowered, a channel output assumes the
logic state based on the selected default option. Default= High for IISO7840
and Low for ISO7840F.
When VCCI transitions from unpowered to powered-up, a channel output
assumes the logic state of the input.
When VCCI transitions from powered-up to unpowered, channel output
assumes the selected default state.
X
PD
X
X
Undetermined
When VCCO is unpowered, a channel output is undetermined (1).
When VCCO transitions from unpowered to powered-up, a channel output
assumes the logic state of the input
(1)
The outputs are undetermined when 1.7V < VCCI, VCCO < 2.25V.
(2)
A strongly driven input signal can weakly power the floating VCC through an internal protection diode and cause undetermined output.
www.ti.com
ISO7840, ISO7840F
SLLSEN2C – JULY 2015 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: ISO7840 ISO7840F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com