Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7840 Datasheet(PDF) 3 Page - Texas Instruments

Part # ISO7840
Description  ISO7840x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7840 Datasheet(HTML) 3 Page - Texas Instruments

  ISO7840 Datasheet HTML 1Page - Texas Instruments ISO7840 Datasheet HTML 2Page - Texas Instruments ISO7840 Datasheet HTML 3Page - Texas Instruments ISO7840 Datasheet HTML 4Page - Texas Instruments ISO7840 Datasheet HTML 5Page - Texas Instruments ISO7840 Datasheet HTML 6Page - Texas Instruments ISO7840 Datasheet HTML 7Page - Texas Instruments ISO7840 Datasheet HTML 8Page - Texas Instruments ISO7840 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
4 Pin Configuration and Functions
Pin Functions
PIN
Type(1)
DESCRIPTION
NAME
NO.
EN2
10
I
Output enable 2. Output pins on side 2 are enabled when EN2 is high or open and in high-
impedance state when EN2 is low.
GND1
2
—
Ground connection for VCC1
8
GND2
9
—
Ground connection for VCC2
15
INA
3
I
Input, channel A
INB
4
I
Input, channel B
INC
5
I
Input, channel C
IND
6
I
Input, channel D
NC
7
—
Not connected
OUTA
14
O
Output, channel A
OUTB
13
O
Output, channel B
OUTC
12
O
Output, channel C
OUTD
11
O
Output, channel D
VCC1
1
—
Power supply, VCC1
VCC2
16
—
Power supply, VCC2
(1)
I = Input, O = Output
GND1
GND2
9
8
NC
EN2
10
7
IND
OUTD
11
6
INC
OUTC
12
5
INB
OUTB
13
4
INA
OUTA
14
3
GND1
GND2
15
2
VCC1
VCC2
16
1
Figure 4-1. DW and DWW Packages 16-Pin SOIC Top View
www.ti.com
ISO7840, ISO7840F
SLLSEN2C – JULY 2015 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ISO7840 ISO7840F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com