Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7840 Datasheet(PDF) 6 Page - Texas Instruments

Part # ISO7840
Description  ISO7840x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7840 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7840 Datasheet HTML 2Page - Texas Instruments ISO7840 Datasheet HTML 3Page - Texas Instruments ISO7840 Datasheet HTML 4Page - Texas Instruments ISO7840 Datasheet HTML 5Page - Texas Instruments ISO7840 Datasheet HTML 6Page - Texas Instruments ISO7840 Datasheet HTML 7Page - Texas Instruments ISO7840 Datasheet HTML 8Page - Texas Instruments ISO7840 Datasheet HTML 9Page - Texas Instruments ISO7840 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
5.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
SPECIFICATION
DW
DWW
UNIT
GENERAL
CLR
External clearance(1)
Shortest pin-to-pin distance through air
>8.15
>14.5
mm
Shortest pin-to-pin distance through air (typical)
15.0
mm
CPG
External creepage(1)
Shortest pin-to-pin distance across the package surface
>8.15
>14.5
mm
Shortest pin-to-pin distance across the package surface
(typical)
15.0
mm
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
>21
>21
μm
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303-11); IEC 60112; UL 746A
>600
>600
V
Material group
I
I
Overvoltage category per IEC
60664-1
Rated mains voltage ≤ 600VRMS
I–IV
I–IV
Rated mains voltage ≤ 1000VRMS
I–III
I–IV
DIN EN IEC 60747-17 (VDE 0884-17)(2)
VIORM
Maximum repetitive peak isolation
voltage
2121
2828
VPK
VIOWM
Maximum isolation working
voltage
AC voltage (sine wave); Time dependent dielectric
breakdown (TDDB) Test, see Figure 5-1 and Figure 5-2
1500
2000
VRMS
DC voltage
2121
2828
VDC
VIOTM
Maximum transient isolation
voltage
VTEST = VIOTM, t = 60s (qualification)
VTEST = 1.2 x VIOTM, t= 1s (100% production)
8000
8000
VPK
VIMP
Maximum impulse voltage (3)
Tested in air, 1.2/50μs waveform per IEC 62368-1
9800
9800
VPK
VIOSM
Maximum surge isolation voltage
(4)
VIOSM ≥ 1.3 x VIMP; Tested in oil (qualification test),
1.2/50-μs waveform per IEC 62368-1
12800
12800
VPK
qpd
Apparent charge (5)
Method a: After I/O safety test subgroup 2/3,
Vini = VIOTM, tini = 60s;
Vpd(m) = 1.2 × VIOTM = 2545VPK (DW) and 3394VPK
(DWW), tm = 10s
≤5
≤5
pC
Method a: After environmental tests subgroup 1,
Vini = VIOTM, tini = 60s;
Vpd(m) = 1.6 × VIORM = 3394VPK (DW) and 4525VPK
(DWW), tm = 10s
≤5
≤5
Method b: At routine test (100% production);
Vini = 1.2 x VIOTM, tini = 1s;
Vpd(m) = 1.875 x VIORM, tm = 1s (method b1) or
Vpd(m) = Vini, tm = tini (method b2)
≤5
≤5
CIO
Barrier capacitance, input to
output(6)
VIO = 0.4 × sin (2πft), f = 1MHz
2
2
pF
RIO
Isolation resistance, input to output
(6)
VIO = 500V, TA = 25°C
>1012
>1012
Ω
VIO = 500V, 100°C ≤ TA ≤ 125°C
>1011
>1011
VIO = 500V at TS = 150°C
>109
>109
Pollution degree
2
2
Climatic category
55/125/21
55/125/21
UL 1577
VISO
Withstand isolation voltage
VTEST = VISO = 5700VRMS, t = 60s (qualification),
VTEST = 1.2 × VISO = 6840VRMS, t = 1s (100%
production)
5700
5700
VRMS
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application.
Care should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the
isolator on the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become equal
ISO7840, ISO7840F
SLLSEN2C – JULY 2015 – REVISED JULY 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO7840 ISO7840F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com