Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7840 Datasheet(PDF) 12 Page - Texas Instruments

Part # ISO7840
Description  ISO7840x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7840 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO7840 Datasheet HTML 8Page - Texas Instruments ISO7840 Datasheet HTML 9Page - Texas Instruments ISO7840 Datasheet HTML 10Page - Texas Instruments ISO7840 Datasheet HTML 11Page - Texas Instruments ISO7840 Datasheet HTML 12Page - Texas Instruments ISO7840 Datasheet HTML 13Page - Texas Instruments ISO7840 Datasheet HTML 14Page - Texas Instruments ISO7840 Datasheet HTML 15Page - Texas Instruments ISO7840 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
5.16 Switching Characteristics—3.3V Supply
VCC1 = VCC2 = 3.3V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 6-1
6
10.8
16
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0.7
4.2
ns
tsk(o)
Channel-to-channel output skew time(2)
Same-direction channels
2.2
ns
tsk(pp)
Part-to-part skew time
4.5
ns
tr
Output signal rise time
See Figure 6-1
0.8
3
ns
tf
Output signal fall time
0.8
3
ns
tPHZ
Disable propagation delay, high-to-high impedance
output
See Figure 6-2
17
32
ns
tPLZ
Disable propagation delay, low-to-high impedance
output
17
32
ns
tPZH
Enable propagation delay, high impedance-to-high
output for ISO7840
17
32
ns
Enable propagation delay, high impedance-to-high
output for ISO7840F
2
2.5
μs
tPZL
Enable propagation delay, high impedance-to-low
output for ISO7840
2
2.5
μs
Enable propagation delay, high impedance-to-low
output for ISO7840F
17
32
ns
tfs
Default output delay time from input power loss
Measured from the time VCC goes below 1.7V. See
Figure 6-3
0.2
9
μs
tie
Time interval error
216 – 1 PRBS data at 100Mbps
0.91
ns
(1)
Also known as Pulse Skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
ISO7840, ISO7840F
SLLSEN2C – JULY 2015 – REVISED JULY 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO7840 ISO7840F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com