Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7840 Datasheet(PDF) 20 Page - Texas Instruments

Part # ISO7840
Description  ISO7840x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7840 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ISO7840 Datasheet HTML 16Page - Texas Instruments ISO7840 Datasheet HTML 17Page - Texas Instruments ISO7840 Datasheet HTML 18Page - Texas Instruments ISO7840 Datasheet HTML 19Page - Texas Instruments ISO7840 Datasheet HTML 20Page - Texas Instruments ISO7840 Datasheet HTML 21Page - Texas Instruments ISO7840 Datasheet HTML 22Page - Texas Instruments ISO7840 Datasheet HTML 23Page - Texas Instruments ISO7840 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
7.4.1 Device I/O Schematics
Input (Device Without Suffix F)
Output
Enable
OUTx
VCCO
≅20W
INx
1.5MW
985W
Input (Device With Suffix F)
VCCI
VCCI
VCCI
INx
1.5MW
985W
VCCI
VCCI
VCCI VCCI
Enx
2MW
1970W
VCCO
VCCO
VCCO VCCO
Figure 7-3. Device I/O Schematics
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
The ISO7840 device is a high-performance, quad-channel digital isolator with a 5.7kVRMS isolation voltage . The
device comes with enable pins on each side that can be used to put the respective outputs in high impedance
for multi-controller driving applications and reduce power consumption. The ISO7840 device uses single-ended
CMOS-logic switching technology. The supply voltage range is from 2.25V to 5.5V for both supplies, VCC1 and
VCC2. When designing with digital isolators, keep in mind that because of the single-ended design structure,
digital isolators do not conform to any specific interface standard and are only intended for isolating single-ended
CMOS or TTL digital signal lines. The isolator is typically placed between the data controller (that is, μC or
UART), and a data converter or a line transceiver, regardless of the interface type or standard.
ISO7840, ISO7840F
SLLSEN2C – JULY 2015 – REVISED JULY 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO7840 ISO7840F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com