Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7840 Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO7840
Description  ISO7840x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7840 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7840 Datasheet HTML 17Page - Texas Instruments ISO7840 Datasheet HTML 18Page - Texas Instruments ISO7840 Datasheet HTML 19Page - Texas Instruments ISO7840 Datasheet HTML 20Page - Texas Instruments ISO7840 Datasheet HTML 21Page - Texas Instruments ISO7840 Datasheet HTML 22Page - Texas Instruments ISO7840 Datasheet HTML 23Page - Texas Instruments ISO7840 Datasheet HTML 24Page - Texas Instruments ISO7840 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
8.2 Typical Application
14
13
INA
OUTD
3
4
5
6
0.1 F
EN1
EN2
7
10
INB
12
11
OUTC
IND
IN
C
DVDD
DGND
2
GAIN1
24
25
26
GAIN0
SPEED
PWDN
AIN3+
AIN3–
AIN4+
A0
A1
AIN1+
AIN1–
AIN2+
SCLK
DOUT
REF+
REF–
AIN4–
1
VCC1
16
VCC2
2, 8
9, 15
GND1
GND2
23
20
19
28
8
7
27
0.1 F
P3.1
P3.0
CLK
SOMI
13
11
12
14
4
2
MSP430F2132
DVss
DVcc
0.1 F
14
13
OUTD
3
4
5
6
0.1 F
NC
EN
7
10
12
11
OUTC
IND
IN
C
1
VCC1
16
VCC2
2, 8
9, 15
GND1
GND2
0.1 F
ISO7840
ISO7841
5VISO
5VISO
3.3V
3.3V
P3.7
P3.6
18
17
3.3V
22
AVDD
AGND
21
5VISO
0.1 F
AIN2–
13
14
17
16
15
11
12
18
INA
INB
OUTB
OUTA
OUTA
OUTB
1
0.1 F
0.1 F
5VISO
5 VISO
Thermo
couple
Current
shunt
RTD
Bridge
XOUT
XIN
5
6
P3.4
15
P3.5
16
ADS1234
Isolation
Barrier
GND
Figure 8-1. Isolated Data Acquisition System for Process Control
8.2.1 Design Requirements
For this design example, use the parameters shown in Table 8-1.
Table 8-1. Design Parameters
PARAMETER
VALUE
Supply voltage
2.25V to 5.5V
Decoupling capacitor between VCC1 and GND1
0.1µF
Decoupling capacitor from VCC2 and GND2
0.1µF
8.2.2 Detailed Design Procedure
Unlike optocouplers, which require external components to improve performance, provide bias, or limit current,
the ISO7840 device only requires two external bypass capacitors to operate.
www.ti.com
ISO7840, ISO7840F
SLLSEN2C – JULY 2015 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISO7840 ISO7840F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com