Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO1430DWR Datasheet(PDF) 24 Page - Texas Instruments

Part # ISO1430DWR
Description  ISO14xx 5kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1430DWR Datasheet(HTML) 24 Page - Texas Instruments

Back Button ISO1430DWR Datasheet HTML 20Page - Texas Instruments ISO1430DWR Datasheet HTML 21Page - Texas Instruments ISO1430DWR Datasheet HTML 22Page - Texas Instruments ISO1430DWR Datasheet HTML 23Page - Texas Instruments ISO1430DWR Datasheet HTML 24Page - Texas Instruments ISO1430DWR Datasheet HTML 25Page - Texas Instruments ISO1430DWR Datasheet HTML 26Page - Texas Instruments ISO1430DWR Datasheet HTML 27Page - Texas Instruments ISO1430DWR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
9 Detailed Description
9.1 Overview
The ISO14xx devices are isolated RS-485/RS-422 transceivers designed to operate in harsh industrial
environments. ISO141x, ISO143x and ISO145x devices support up to 500 kbps, 12 Mbps and 50 Mbps signaling
rates respectively. This family of devices has a 3-channel digital isolator and an RS-485 transceiver in a 16-pin
wide-body SOIC package. The silicon-dioxide based capacitive isolation barrier supports an isolation withstand
voltage of 5 kVRMS and an isolation working voltage of 1500 VPK. Isolation breaks the ground loop between
the communicating nodes and allows for data transfer in the presence of large ground potential differences.
These devices have a higher typical differential output voltage (VOD) than traditional transceivers for better noise
immunity. A minimum differential output voltage of 2.1 V is specified at a VCC2 voltage of 5 V ±10% which
meets the requirements for Profibus applications. The wide logic supply of the device (VCC1) supports interfacing
with 1.8-V, 2.5-V, 3.3-V, and 5-V control logic. The 3-V to 5.5-V bus side supply (VCC2) removes the need of a
well-regulated isolated supply in end systems. Figure 9-1 shows the functional block diagram of the full-duplex
devices and Figure 9-2 shows the functional block diagram of a half-duplex devices.
9.2 Functional Block Diagram
RE
Full duplex
VCC1
GND1
D
Tx
R
Rx
DE
Tx
VCC2
Rx
Tx
Rx
GND2
VCC
GND2
VCC2
Y
B
D
R
Z
A
Figure 9-1. Full-Duplex Block Diagram
RE
Half duplex
VCC1
GND1
D
Tx
R
Rx
DE
Tx
VCC2
Rx
Tx
Rx
GND2
VCC
GND2
VCC2
A
B
D
R
Figure 9-2. Half-Duplex Block Diagram
ISO1450, ISO1452, ISO1410, ISO1412, ISO1430, ISO1432
SLLSF22H – APRIL 2018 – REVISED JUNE 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO1450 ISO1452 ISO1410 ISO1412 ISO1430 ISO1432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com