Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO1430DWR Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO1430DWR
Description  ISO14xx 5kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1430DWR Datasheet(HTML) 1 Page - Texas Instruments

  ISO1430DWR Datasheet HTML 1Page - Texas Instruments ISO1430DWR Datasheet HTML 2Page - Texas Instruments ISO1430DWR Datasheet HTML 3Page - Texas Instruments ISO1430DWR Datasheet HTML 4Page - Texas Instruments ISO1430DWR Datasheet HTML 5Page - Texas Instruments ISO1430DWR Datasheet HTML 6Page - Texas Instruments ISO1430DWR Datasheet HTML 7Page - Texas Instruments ISO1430DWR Datasheet HTML 8Page - Texas Instruments ISO1430DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
ISO14xx 5kVRMS Isolated RS-485/RS-422 Transceiver
With Robust EMC
1 Features
• Compatible with TIA/EIA-485-A
• PROFIBUS compatible at 5V bus-side supply
• Bus I/O protection
– ±30kV HBM
– ±16kV IEC 61000-4-2 Contact discharge
– ±4kV IEC 61000-4-4 Electrical fast transient
• Low-EMI 500kbps, 12Mbps and 50Mbps Data
Rates
• 1.71V to 5.5V logic-side supply (VCC1), 3V to 5.5V
bus-side supply (VCC2)
• Failsafe receiver for bus open, short, and idle
• 1/8 Unit load up to 256 nodes on bus
• 100kV/µs (typical) high common-mode transient
immunity
• Extended temperature range from –40°C to 125°C
• Glitch-free power-up and power-down for hot plug-
in
• Wide-body SOIC-16 package
• Pin compatible to most isolated RS-485
transceivers
• Safety-related certifications:
– 7071VPK VIOTM and 1500VPK VIORM (reinforced
and basic options) per DIN VDE V
0884-11:2017-01
– 5000VRMS isolation for 1 minute per UL 1577
– IEC 60950-1, IEC 62368-1, IEC 60601-1 and
IEC 61010-1 certifications
– CQC, TUV, and CSA approvals
2 Applications
• Grid infrastructure
• Solar inverter
• Factory automation & control
• Motor drives
• HVAC systems and building automation
3 Description
The
ISO14xx
devices
are
galvanically-isolated
differential line transceivers for TIA/EIA RS-485
and RS-422 applications. These noise-immune
transceivers are designed to operate in harsh
industrial environments. The bus pins of these
devices can endure high levels of IEC electrostatic
discharge (ESD) and IEC electrical fast transient
(EFT) events which eliminates the need for additional
components on bus for system-level protection. The
devices are available for both basic and reinforced
isolation (see Reinforced and Basic Isolation Options).
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
ISO1410, ISO1410B
SOIC (16)
10.30mm × 10.30mm
ISO1412, ISO1412B
ISO1430, ISO1430B
ISO1432, ISO1432B
ISO1450, ISO1450B
ISO1452, ISO1452B
(1)
For more information, see Section 15.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
Reinforced and Basic Isolation Options
Feature
ISO14xx
ISO14xxB
Protection level
Reinforced
Basic
Surge test voltage per VDE 10000VPK
6000VPK
Isolation rating per UL
5000VRMS
5000VRMS
Working voltage per VDE
1060VRMS /
1500VPK
1060VRMS /
1500VPK
MCU
GND1
Logic Supply
Galvanic Isolation
Barrier
VDD
DGND
Logic Ground
RE
VCC1
D
R
VCC2
B
TI Isolated
Transceiver
A
GND2
RS485 Bus
Bus-Side Supply
Isolated Ground
DE
Simplified Application Schematic
ISO1450, ISO1452, ISO1410, ISO1412, ISO1430, ISO1432
SLLSF22H – APRIL 2018 – REVISED JUNE 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO1430DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1430DWR TI1-ISO1430DWR Datasheet
3Mb / 47P
5-kVRMS Isolated RS-485/RS-422 Transceiver with Robust EMC
More results

Similar Description - ISO1430DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
Robust RS-485 Transceiver
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
EIA RS-485/RS-422 Transceiver
Rev. D
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Analog Devices
ADM2795E AD-ADM2795E Datasheet
678Kb / 27P
Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
REV. 0
logo
Texas Instruments
ISO1410 TI1-ISO1410 Datasheet
1Mb / 31P
5-kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
ISO1430 TI1-ISO1430 Datasheet
3Mb / 47P
5-kVRMS Isolated RS-485/RS-422 Transceiver with Robust EMC
logo
Analog Devices
ADM2795E AD-ADM2795E_V01 Datasheet
752Kb / 28P
Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
Rev. B
logo
Advantech Co., Ltd.
ADAM-4510I ADVANTECH-ADAM-4510I_V01 Datasheet
607Kb / 1P
Robust RS-422/485 Repeater
25-Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com