Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO1430DWR Datasheet(PDF) 5 Page - Texas Instruments

Part # ISO1430DWR
Description  ISO14xx 5kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1430DWR Datasheet(HTML) 5 Page - Texas Instruments

  ISO1430DWR Datasheet HTML 1Page - Texas Instruments ISO1430DWR Datasheet HTML 2Page - Texas Instruments ISO1430DWR Datasheet HTML 3Page - Texas Instruments ISO1430DWR Datasheet HTML 4Page - Texas Instruments ISO1430DWR Datasheet HTML 5Page - Texas Instruments ISO1430DWR Datasheet HTML 6Page - Texas Instruments ISO1430DWR Datasheet HTML 7Page - Texas Instruments ISO1430DWR Datasheet HTML 8Page - Texas Instruments ISO1430DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1) (2)
MIN
MAX
UNIT
VCC1
Supply voltage, side 1
-0.5
6
V
VCC2
Supply voltage, side 2
-0.5
6
V
VIO
Logic voltage level (D, DE, RE, R)
-0.5
VCC1+0.5(3)
V
IO
Output current on R pin
-15
15
mA
VBUS
Voltage on bus pins (A, B, Y, Z w.r.t GND2)
-18
18
V
TJ
Junction temperature
-40
150
℃
TSTG
Storage temperature
-65
150
℃
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to the local ground terminal (GND1 or GND2) and are peak
voltage values.
(3)
Maximum voltage must not exceed 6 V
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Contact Discharge, per IEC 61000-4-2
Pins Bus terminals and GND2
±16000
V
V(ESD)
Contact Discharge, per IEC 61000-4-2
ISO141x, Pins Bus terminals and GND1
(across isolation barrier)
±8000
V
V(ESD)
Contact Discharge, per IEC 61000-4-2
ISO143x, Pins Bus terminals and GND1
(across isolation barrier)
±8000
V
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/
ESDA/JEDEC JS-001
All pins except bus pins(1)
±6000
V
Bus terminals to GND2(1)
±30000
V
Electrostatic discharge
Charged device model (CDM), per
JEDEC specification JESD22-C101
All pins(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
www.ti.com
ISO1450, ISO1452, ISO1410, ISO1412, ISO1430, ISO1432
SLLSF22H – APRIL 2018 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ISO1450 ISO1452 ISO1410 ISO1412 ISO1430 ISO1432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com