Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO1430DWR Datasheet(PDF) 12 Page - Texas Instruments

Part # ISO1430DWR
Description  ISO14xx 5kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1430DWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO1430DWR Datasheet HTML 8Page - Texas Instruments ISO1430DWR Datasheet HTML 9Page - Texas Instruments ISO1430DWR Datasheet HTML 10Page - Texas Instruments ISO1430DWR Datasheet HTML 11Page - Texas Instruments ISO1430DWR Datasheet HTML 12Page - Texas Instruments ISO1430DWR Datasheet HTML 13Page - Texas Instruments ISO1430DWR Datasheet HTML 14Page - Texas Instruments ISO1430DWR Datasheet HTML 15Page - Texas Instruments ISO1430DWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Bus loaded or unloaded (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Logic-side supply
current
VDE = VGND1, VD = VCC1, VCC1 = 3.3 V ± 10%
1.6
3.1
mA
(1)
CL(R) is the load capacitance on the R pin.
7.12 Supply Current Characteristics: Side 2 (ICC2)
VRE = VGND1 or VRE = VCC1 (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVER ENABLED, BUS UNLOADED
Bus-side supply
current
VD = VCC1, VCC2 = 3.3 V ± 10%
4
6.1
mA
Bus-side supply
current
VD = VCC1, VCC2 = 5 V ± 10%
4.5
6.6
mA
DRIVER ENABLED, BUS LOADED
Bus-side supply
current
VD = VCC1, RL = 54 Ω, VCC2 = 3.3 V ± 10%
48
58
mA
Bus-side supply
current
VD = VCC1, RL = 54 Ω, VCC2 = 5 V ± 10%
74
88
mA
Bus-side supply
current
ISO141x, D = 500-kbps square wave with 50% duty cycle, RL = 54 Ω, CL = 50 pF, VCC2 = 3.3 V ± 10%
63
95
mA
Bus-side supply
current
ISO141x, D = 500-kbps square wave with 50% duty cycle, RL = 54 Ω, CL = 50 pF, VCC2 = 5 V ± 10%
113
160
mA
Bus-side supply
current
ISO143x, D = 12-Mbps square wave with 50% duty cycle, RL = 54 Ω, CL = 50 pF, VCC2 = 3.3 V ± 10%
56
75
mA
Bus-side supply
current
ISO143x, D = 12-Mbps square wave with 50% duty cycle, RL = 54 Ω, CL = 50 pF, VCC2 = 5 V ± 10%
97
122
mA
Bus-side supply
current
ISO145x, D = 50-Mbps square wave with 50% duty cycle, RL = 54 Ω, CL = 50 pF, VCC2 = 3.3 V ± 10%
84
103
mA
Bus-side supply
current
ISO145x, D = 50-Mbps square wave with 50% duty cycle, RL = 54 Ω, CL = 50 pF, VCC2 = 5 V ± 10%
134
162
mA
DRIVER DISABLED, BUS LOADED OR UNLOADED
Bus-side supply
current
VD = VCC1, VCC2 = 3.3 V ± 10%
2.6
4.3
mA
Bus-side supply
current
VD = VCC1, VCC2 = 5 V ± 10%
2.8
4.5
mA
ISO1450, ISO1452, ISO1410, ISO1412, ISO1430, ISO1432
SLLSF22H – APRIL 2018 – REVISED JUNE 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO1450 ISO1452 ISO1410 ISO1412 ISO1430 ISO1432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com