Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO1430DWR Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO1430DWR
Description  ISO14xx 5kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1430DWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO1430DWR Datasheet HTML 5Page - Texas Instruments ISO1430DWR Datasheet HTML 6Page - Texas Instruments ISO1430DWR Datasheet HTML 7Page - Texas Instruments ISO1430DWR Datasheet HTML 8Page - Texas Instruments ISO1430DWR Datasheet HTML 9Page - Texas Instruments ISO1430DWR Datasheet HTML 10Page - Texas Instruments ISO1430DWR Datasheet HTML 11Page - Texas Instruments ISO1430DWR Datasheet HTML 12Page - Texas Instruments ISO1430DWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
7.9 Electrical Characteristics: Driver
All typical specs are at VCC1=3.3V, VCC2=5V, TA=27°C, (Min/Max specs are over recommended operating conditions unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOD|
Driver differential-output voltage
magnitude
Open circuit voltage, unloaded bus,
3 V ≤ VCC2 ≤ 5.5 V
1.5
5
VCC2
V
RL = 60 Ω, –7 V ≤ VTEST ≤ 12 V (see Figure 8-1), 3 V
≤ VCC2 ≤ 3.6 V, TA<100C
1.5
2.3
V
RL = 60 Ω, –7 V ≤ VTEST ≤ 12 V (see Figure 8-1), 3.1
V ≤ VCC2 ≤ 3.6 V, TA>100C
1.5
2.3
RL = 60 Ω, –7 V ≤ VTEST ≤ 12 V,
4.5 V < VCC2 < 5.5 V (see Figure 8-1)
2.1
3.7
V
RL = 100 Ω (see Figure 8-2), RS-422 load
2
4.2
V
RL = 54 Ω (see Figure 8-2), RS-485 load, VCC2 = 3 V
to 3.6 V
1.5
2.3
V
RL = 54 Ω (see Figure 8-2), RS-485 load,
4.5 V < VCC2 < 5.5 V
2.1
3.7
V
Δ|VOD|
Change in differential output voltage
between two states
RL = 54 Ω or RL = 100 Ω, see Figure 8-2
–200
200
mV
VOC
Common-mode output voltage
RL = 54 Ω or RL = 100 Ω, see Figure 8-2
1
0.5 × VCC2
3
V
ΔVOC(SS)
change in steady-state common-mode
output voltage between two states
RL = 54 Ω or RL = 100 Ω, see Figure 8-2
–200
200
mV
IOS
Short-circuit output current
VD = VCC1 or VD = VGND1, VDE = VCC1, VCC2=3.3V ±
10%
–7 V ≤ V ≤ 12 V, see Figure 8-11
–250
250
mA
VD = VCC1 or VD = VGND1, VDE = VCC1, VCC2=5V ±
10%
–7 V ≤ V ≤ 12 V, see Figure 8-11
250
mA
Ii
Input current
VD and VDE = 0 V or VD and VDE = VCC1
–10
10
µA
CMTI
Common-mode transient immunity
VD=VCC1 or GND1, VCC1 = 1.71 V to 5.5 V, VCM =
1200 V, ISO141x, See Figure 8-4
85
100
kV/µs
CMTI
Common-mode transient immunity
VD=VCC1 or GND1, VCC1 = 1.71 V to 5.5 V, VCM =
1200 V, ISO143x, See Figure 8-4
85
100
kV/µs
CMTI
Common-mode transient immunity
VD=VCC1 or GND1, VCC1 = 2.25 V to 5.5 V, VCM =
1200 V, ISO145x, See Figure 8-4
85
100
kV/µs
www.ti.com
ISO1450, ISO1452, ISO1410, ISO1412, ISO1430, ISO1432
SLLSF22H – APRIL 2018 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ISO1450 ISO1452 ISO1410 ISO1412 ISO1430 ISO1432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com