Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO1430DWR Datasheet(PDF) 6 Page - Texas Instruments

Part # ISO1430DWR
Description  ISO14xx 5kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1430DWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO1430DWR Datasheet HTML 2Page - Texas Instruments ISO1430DWR Datasheet HTML 3Page - Texas Instruments ISO1430DWR Datasheet HTML 4Page - Texas Instruments ISO1430DWR Datasheet HTML 5Page - Texas Instruments ISO1430DWR Datasheet HTML 6Page - Texas Instruments ISO1430DWR Datasheet HTML 7Page - Texas Instruments ISO1430DWR Datasheet HTML 8Page - Texas Instruments ISO1430DWR Datasheet HTML 9Page - Texas Instruments ISO1430DWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC1
Supply Voltage, Side 1, 1.8-V operation
1.71
1.89
V
Supply Voltage, Side 1, 2.5-V, 3.3-V and 5.5-V operation
2.25
5.5
V
VCC2
Supply Voltage, Side 2
3
5.5
V
VI
Common Mode voltage at any bus terminal: A or B
-7
12
V
VIH
High-level input voltage (D, DE, RE inputs)
0.7*Vcc1
Vcc1
V
VIL
Low-level input voltage (D, DE, RE inputs)
0
0.3*Vcc1
V
VID
Differential input voltage, A with respect to B
-15
15
V
IO
Output current, Driver
-60
60
mA
IOR
Output current, Receiver
-4
4
mA
RL
Differential load resistance
54
Ω
1/tUI
Signaling rate ISO141x
500
kbps
1/tUI
Signaling Rate ISO143x
12
Mbps
1/tUI
Signaling rate ISO145x
50
Mbps
TA
Operating ambient temperature
-40
125
°C
7.4 Thermal Information
THERMAL METRIC(1)
ISO14xx
UNIT
DW (SOIC)
16 PINS
RθJA
Junction-to-ambient thermal resistance
67.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
27.7
°C/W
RθJB
Junction-to-board thermal resistance
29.4
°C/W
ψJT
Junction-to-top characterization parameter
12.9
°C/W
ψJB
Junction-to-board characterization parameter
28.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.5 Power Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO1410_ISO1412
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, A-B
load = 54 Ω ||50pF, Load on R=15pF
Input a 250kHz 50% duty cycle square
wave to D pin with VDE=VCC1, VRE=GND1
556
mW
PD1
Maximum power dissipation (side-1)
28
mW
PD2
Maximum power dissipation (side-2)
528
mW
ISO1430_ISO1432
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, A-B
load = 54 Ω ||50pF, Load on R=15pF
Input a 6MHz 50% duty cycle square
wave to D pin with VDE=VCC1, VRE=GND1
352
mW
PD1
Maximum power dissipation (side-1)
33
mW
PD2
Maximum power dissipation (side-2)
319
mW
ISO1450_ISO1452
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, A-B
load = 54 Ω ||50pF, Load on R=15pF
Input a 25MHz 50% duty cycle square
wave to D pin with VDE=VCC1, VRE=GND1
588
mW
PD1
Maximum power dissipation (side-1)
49
mW
PD2
Maximum power dissipation (side-2)
539
mW
ISO1450, ISO1452, ISO1410, ISO1412, ISO1430, ISO1432
SLLSF22H – APRIL 2018 – REVISED JUNE 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO1450 ISO1452 ISO1410 ISO1412 ISO1430 ISO1432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com