Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60L7 Datasheet(PDF) 76 Page - STMicroelectronics

Part # SPC563M60L7
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60L7 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button SPC563M60L7 Datasheet HTML 72Page - STMicroelectronics SPC563M60L7 Datasheet HTML 73Page - STMicroelectronics SPC563M60L7 Datasheet HTML 74Page - STMicroelectronics SPC563M60L7 Datasheet HTML 75Page - STMicroelectronics SPC563M60L7 Datasheet HTML 76Page - STMicroelectronics SPC563M60L7 Datasheet HTML 77Page - STMicroelectronics SPC563M60L7 Datasheet HTML 78Page - STMicroelectronics SPC563M60L7 Datasheet HTML 79Page - STMicroelectronics SPC563M60L7 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 128 page
background image
Electrical characteristics
SPC563M64x, SPC563M60x
76/128
DocID14642 Rev 12
1d
—
CC
C
Bandgap reference supply
voltage variation
—3000
—
ppm
/V
2Vdd
CC
C
Nominal VDD core supply
internal regulator target DC
output voltage(1)
—1.28
—
V
2a
—
CC
P
Nominal VDD core supply
internal regulator target DC
output voltage variation at
power-on reset
Vdd – 6%
Vdd
Vdd + 10%
V
2b
—
CC
P
Nominal VDD core supply
internal regulator target DC
output voltage variation
after power-on reset
Vdd – 10(2)
Vdd
Vdd + 3%
V
2c
—
CC
C Trimming step Vdd
—
20
—
mV
2d
Ivrcctl
CC
C
Voltage regulator controller
for core supply maximum
DC output current
20
—
—
mA
3
Lvi1p2
CC
C
Nominal LVI for rising core
supply(3),(4)
—1.160
—
V
3a
—
CC
C
Variation of LVI for rising
core supply at power-on
reset(4),(5)
1.120
1.200
1.280
V
3b
—
CC
C
Variation of LVI for rising
core supply after power-on
reset(4),(5)
Lvi1p2–3%
Lvi1p2
Lvi1p2+3%
V
3c
—
CC
C
Trimming step LVI core
supply(4)
—20
—
mV
3d
Lvi1p2_h
CC
C
LVI core supply
hysteresis(4)
—40
—
mV
4
Por1.2V_r CC
C POR 1.2 V rising
—
0.709
—
V
4a
—
CC
C POR 1.2 V rising variation
Por1.2V_r–
35%
Por1.2V_
r
Por1.2V_r+
35%
V
4b
Por1.2V_f CC
C POR 1.2 V falling
—
0.638
—
V
4c
—
CC
C POR 1.2 V falling variation
Por1.2V_f–
35%
Por1.2V_
f
Por1.2V_f+
35%
V
5
Vdd33
CC
C
Nominal 3.3 V supply
internal regulator DC output
voltage
—3.39
—
V
5a
—
CC
P
Nominal 3.3 V supply
internal regulator DC output
voltage variation at power-
on reset(5)
Vdd33 –
8.5%
Vdd33
Vdd3 + 7%
V
Table 15. PMC electrical characteristics (continued)
ID
Name
C
Parameter
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com