Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60L7 Datasheet(PDF) 31 Page - STMicroelectronics

Part # SPC563M60L7
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60L7 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button SPC563M60L7 Datasheet HTML 27Page - STMicroelectronics SPC563M60L7 Datasheet HTML 28Page - STMicroelectronics SPC563M60L7 Datasheet HTML 29Page - STMicroelectronics SPC563M60L7 Datasheet HTML 30Page - STMicroelectronics SPC563M60L7 Datasheet HTML 31Page - STMicroelectronics SPC563M60L7 Datasheet HTML 32Page - STMicroelectronics SPC563M60L7 Datasheet HTML 33Page - STMicroelectronics SPC563M60L7 Datasheet HTML 34Page - STMicroelectronics SPC563M60L7 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 128 page
background image
DocID14642 Rev 12
31/128
SPC563M64x, SPC563M60x
Overview
127
–
may be read with either ADC
Decimation Filter
–
Programmable decimation factor (2 to 16)
–
Selectable IIR or FIR filter
–
Up to 4th order IIR or 8th order FIR
–
Programmable coefficients
–
Saturated or non-saturated modes
–
Programmable Rounding (Convergent; Two’s Complement; Truncated)
–
Pre-fill mode to pre-condition the filter before the sample window opens
Full duplex synchronous serial interface to an external device
–
Free-running clock for use by an external device
–
Supports a 26-bit message length
Priority based Queues
–
Supports six Queues with fixed priority. When commands of distinct Queues are
bound for the same ADC, the higher priority Queue is always served first
–
Queue_0 can bypass all prioritization, buffering and abort current conversions to
start a Queue_0 conversion a deterministic time after the queue trigger
–
Streaming mode operation of Queue_0 to execute some commands several times
–
Supports software and hardware trigger modes to arm a particular Queue
–
Generates interrupt when command coherency is not achieved
External hardware triggers
–
Supports rising edge, falling edge, high level and low level triggers
–
Supports configurable digital filter
Supports four external 8-to-1 muxes which can expand the input channels to 56
channels total
2.3.15
DSPI
The Deserial Serial Peripheral Interface (DSPI) block provides a synchronous serial
interface for communication between the SPC563Mxx MCU and external devices. The
DSPI supports pin count reduction through serialization and deserialization of eTPU and
eMIOS channels and memory-mapped registers. The channels and register content are
transmitted using a SPI-like protocol. This SPI-like protocol is completely configurable for
baud rate, polarity and phase, frame length, chip select assertion, etc. Each bit in the frame
may be configured to serialize either eTPU channels, eMIOS channels or GPIO signals. The
DSPI can be configured to serialize data to an external device that supports the
Microsecond Channel protocol. There are two identical DSPI blocks on the SPC563Mxx
MCU. The DSPI output pins support 5 V logic levels or Low Voltage Differential Signalling
(LVDS) according to the Microsecond Channel specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com