Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60L7 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPC563M60L7
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60L7 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPC563M60L7 Datasheet HTML 5Page - STMicroelectronics SPC563M60L7 Datasheet HTML 6Page - STMicroelectronics SPC563M60L7 Datasheet HTML 7Page - STMicroelectronics SPC563M60L7 Datasheet HTML 8Page - STMicroelectronics SPC563M60L7 Datasheet HTML 9Page - STMicroelectronics SPC563M60L7 Datasheet HTML 10Page - STMicroelectronics SPC563M60L7 Datasheet HTML 11Page - STMicroelectronics SPC563M60L7 Datasheet HTML 12Page - STMicroelectronics SPC563M60L7 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 128 page
background image
DocID14642 Rev 12
9/128
SPC563M64x, SPC563M60x
Overview
127
Periodic interrupt timer (PIT)
–
32-bit wide down counter with automatic reload
–
4 channels clocked by system clock
–
1 channel clocked by crystal clock
System timer module (STM)
–
32-bit up counter with 8-bit prescaler
–
Clocked from system clock
–
4 channel timer compare hardware
Software watchdog timer (SWT) 32-bit timer
Enhanced modular I/O system (eMIOS)
–
16 standard timer channels (up to 14 channels connected to pins in LQFP144)
–
24-bit timer resolution
Second-generation enhanced time processor unit (eTPU2)
–
High level assembler/compiler
–
Enhancements to make ‘C’ compiler more efficient
–
New ‘engine relative’ addressing mode
Enhanced queued A/D converter (eQADC)
–
2 independent on-chip RSD Cyclic ADCs
–
Up to 34 input channels available to the two on-chip ADCs
–
4 pairs of differential analog input channels
2 deserial serial peripheral interface modules (DSPI)
–
SPI provides full duplex communication ports with interrupt and DMA request
support
–
Deserial serial interface (DSI) achieves pin reduction by hardware serialization
and deserialization of eTPU, eMIOS channels and GPIO
2 enhanced serial communication interface (eSCI) modules
2 FlexCAN modules
Nexus port controller (NPC) per IEEE-ISTO 5001-2003 standard
IEEE 1149.1 JTAG controller (JTAGC)
2.1
Device comparison
Table 2. SPC563Mxx family device summary
Feature
SPC563M64
SPC563M60
Flash memory size (KB)
1536
1024
Total SRAM size (KB)
94
64
Standby SRAM size (KB)
32
32
Processor core
32-bit e200z335
with SPE and FPU
support
32-bit e200z335
with SPE and FPU
support
Core frequency (MHz)
64/80
40/64/80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com