Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60L7 Datasheet(PDF) 37 Page - STMicroelectronics

Part # SPC563M60L7
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60L7 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button SPC563M60L7 Datasheet HTML 33Page - STMicroelectronics SPC563M60L7 Datasheet HTML 34Page - STMicroelectronics SPC563M60L7 Datasheet HTML 35Page - STMicroelectronics SPC563M60L7 Datasheet HTML 36Page - STMicroelectronics SPC563M60L7 Datasheet HTML 37Page - STMicroelectronics SPC563M60L7 Datasheet HTML 38Page - STMicroelectronics SPC563M60L7 Datasheet HTML 39Page - STMicroelectronics SPC563M60L7 Datasheet HTML 40Page - STMicroelectronics SPC563M60L7 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 128 page
background image
DocID14642 Rev 12
37/128
SPC563M64x, SPC563M60x
Overview
127
Note:
In the calibration tool package, the full Nexus Auxiliary port shares balls with the addresses
of the calibration bus. Therefore multiplexed address/data bus mode must be used for the
calibration bus when using full width Nexus trace in calibration tool assembly.
The following features are implemented:
5-pin JTAG port (JCOMP, TDI, TDO, TMS, and TCK)
–
Always available in production package
–
Supports both JTAG Boundary Scan and debug modes
–
3.3 V interface
–
Supports Nexus class 1 features
–
Supports Nexus class 3 read/write feature
9-pin Reduced Port interface in LQFP144 production package
–
Alternate function as IO
–
5 V (in GPIO or alternate function mode), 3.3 V (in Nexus mode) interface
–
Auxiliary Output port
– 1 MCKO (message clock out) pin
– 4 MDO (message data out) pins
– 2 MSEO (message start/end out) pins
– 1 EVTO (event out) pin
–
Auxiliary input port
– 1 EVTI (event in) pin
17-pin Full Port interface in calibration package used on calibration tool boards
–
3.3 V interface
–
Auxiliary Output port
– 1 MCKO (message clock out) pin
– 4 (reduced port mode) or 12 (full port mode) MDO (message data out) pins;
8 extra full port pins shared with calibration bus
– 2 MSEO (message start/end out) pins
– 1 EVTO (event out) pin
–
Auxiliary input port
– 1 EVTI (event in) pin
Host processor (e200) development support features
–
IEEE-ISTO 5001-2003 standard class 2 compliant
–
Program trace via branch trace messaging (BTM). Branch trace messaging
displays program flow discontinuities (direct branches, indirect branches,
exceptions, etc.), allowing the development tool to interpolate what transpires
between the discontinuities. Thus, static code may be traced.
–
Watchpoint trigger enable of program trace messaging
–
Data Value Breakpoints (JTAG feature of the e200z335 core): allows CPU to be
halted when the CPU writes a specific value to a memory location
– 4 data value breakpoints
–CPU only
– Detects ‘equal’ and ‘not equal’
– Byte, half word, word (naturally aligned)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com