Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60L7 Datasheet(PDF) 12 Page - STMicroelectronics

Part # SPC563M60L7
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60L7 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SPC563M60L7 Datasheet HTML 8Page - STMicroelectronics SPC563M60L7 Datasheet HTML 9Page - STMicroelectronics SPC563M60L7 Datasheet HTML 10Page - STMicroelectronics SPC563M60L7 Datasheet HTML 11Page - STMicroelectronics SPC563M60L7 Datasheet HTML 12Page - STMicroelectronics SPC563M60L7 Datasheet HTML 13Page - STMicroelectronics SPC563M60L7 Datasheet HTML 14Page - STMicroelectronics SPC563M60L7 Datasheet HTML 15Page - STMicroelectronics SPC563M60L7 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 128 page
background image
Overview
SPC563M64x, SPC563M60x
12/128
DocID14642 Rev 12
–
Non-maskable interrupt (NMI) input for handling external events that must
produce an immediate response, e.g., power down detection. On this device, the
NMI input is connected to the Critical Interrupt Input. (May not be recoverable)
–
Critical Interrupt input. For external interrupt sources that are higher priority than
provided by the Interrupt Controller. (Always recoverable)
–
New ‘Wait for Interrupt’ instruction, to be used with new low power modes
–
Reservation instructions for implementing read-modify-write accesses
–
Signal processing extension (SPE) APU
– Operating on all 32 GPRs that are all extended to 64 bits wide
– Provides a full compliment of vector and scalar integer and floating point
arithmetic operations (including integer vector MAC and MUL operations)
(SIMD)
– Provides rich array of extended 64-bit loads and stores to/from extended
GPRs
– Fully code compatible with e200z6 core
–
Floating point (FPU)
– IEEE 754 compatible with software wrapper
– Scalar single precision in hardware, double precision with software library
– Conversion instructions between single precision floating point and fixed
point
– Fully code compatible with e200z6 core
–
Long cycle time instructions, except for guarded loads, do not increase interrupt
latency
–
Extensive system development support through Nexus debug port
Advanced microcontroller bus architecture (AMBA) crossbar switch (XBAR)
–
Three master ports, four slave ports
–
Masters: CPU Instruction bus; CPU Load/store bus (Nexus); eDMA
–
Slave: Flash; SRAM; Peripheral Bridge; calibration EBI
–
32-bit internal address bus, 64-bit internal data bus
Enhanced direct memory access (eDMA) controller
–
32 channels support independent 8-bit, 16-bit, or 32-bit single value or block
transfers
–
Supports variable sized queues and circular queues
–
Source and destination address registers are independently configured to post-
increment or remain constant
–
Each transfer is initiated by a peripheral, CPU, or eDMA channel request
–
Each eDMA channel can optionally send an interrupt request to the CPU on
completion of a single value or block transfer
Interrupt controller (INTC)
–
191 peripheral interrupt request sources
–
8 software setable interrupt request sources
–
9-bit vector
– Unique vector for each interrupt request source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com