Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M60L7 Datasheet(PDF) 25 Page - STMicroelectronics

Part # SPC563M60L7
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60L7 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SPC563M60L7 Datasheet HTML 21Page - STMicroelectronics SPC563M60L7 Datasheet HTML 22Page - STMicroelectronics SPC563M60L7 Datasheet HTML 23Page - STMicroelectronics SPC563M60L7 Datasheet HTML 24Page - STMicroelectronics SPC563M60L7 Datasheet HTML 25Page - STMicroelectronics SPC563M60L7 Datasheet HTML 26Page - STMicroelectronics SPC563M60L7 Datasheet HTML 27Page - STMicroelectronics SPC563M60L7 Datasheet HTML 28Page - STMicroelectronics SPC563M60L7 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 128 page
background image
DocID14642 Rev 12
25/128
SPC563M64x, SPC563M60x
Overview
127
2.3.8
ECSM
The error correction status module provides status information regarding platform memory
errors reported by error-correcting codes.
2.3.9
Flash
Devices in the SPC563Mxx family provide up to 1.5 MB of programmable, non-volatile, flash
memory. The non-volatile memory (NVM) can be used for instruction and/or data storage.
The flash module includes a Fetch Accelerator, that optimizes the performance of the flash
array to match the CPU architecture and provides single cycle random access to the Flash
@ 80 MHz. The Flash module interfaces the system bus to a dedicated Flash memory array
controller. For CPU ‘loads’, DMA transfers and CPU instruction fetch, it supports a 64-bit
data bus width at the system bus port, and a 128-bit read data interface to Flash memory.
The module contains a four-entry, 128-bit prefetch buffer and a prefetch controller which
prefetches sequential lines of data from the Flash array into the buffer. Prefetch buffer hits
allow no-wait responses. Normal Flash array accesses are registered and are forwarded to
the system bus on the following cycle, incurring three wait-states. Prefetch operations may
be automatically controlled, and are restricted to instruction fetch.
The Flash memory provides the following features:
Supports a 64-bit data bus for instruction fetch, CPU loads and DMA access. Byte,
halfword, word and doubleword reads are supported. Only aligned word and
doubleword writes are supported.
Fetch Accelerator
–
Architected to optimize the performance of the Flash with the CPU to provide
single cycle random access to the Flash up to 80 MHz system clock speed
–
Configurable read buffering and line prefetch support
–
Four line read buffers (128 bits wide) and a prefetch controller
Hardware and software configurable read and write access protections on a per-master
basis
Interface to the Flash array controller is pipelined with a depth of one, allowing
overlapped accesses to proceed in parallel for interleaved or pipelined flash array
designs
Configurable access timing allowing use in a wide range of system frequencies
Multiple-mapping support and mapping-based block access timing (0-31 additional
cycles) allowing use for emulation of other memory types
Software programmable block program/erase restriction control
Erase of selected block(s)
Read page size of 128 bits (four words)
ECC with single-bit correction, double-bit detection
Program page size of 64 bits (two words)
ECC single-bit error corrections are visible to software
Minimum program size is two consecutive 32-bit words, aligned on a 0-modulo-8 byte
address, due to ECC
Embedded hardware program and erase algorithm
Erase suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com