Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS128TY Datasheet(PDF) 3 Page - RAMXEED LIMITED

Part # MB85RS128TY
Description  128K (16K X 8) Bit SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS128TY Datasheet(HTML) 3 Page - RAMXEED LIMITED

  MB85RS128TY Datasheet HTML 1Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 2Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 3Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 4Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 5Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 6Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 7Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 8Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
MB85RS128TY(AEC-Q100 Compliant)
DS501-00048-7v0-E
3
BLOCK DIAGRAM
SPI MODE
MB85RS128TY corresponds to the SPI mode 0 (CPOL  0, CPHA  0) , and SPI mode 3 (CPOL  1, CPHA
1) .
SCK
SO
SI
Serial-Parallel Converter
FeRAM Cell Array
16,384
x 8
Column Decoder/Sense Amp/
Write Amp
FeRAM
Status Register
Data Register
Parallel-Serial Converter
CS
WP
HOLD
SCK
SI
CS
SCK
SI
CS
76543210
76543210
MSB
LSB
MSB
LSB
SPI Mode 0
SPI Mode 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com