Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS128TY Datasheet(PDF) 10 Page - RAMXEED LIMITED

Part # MB85RS128TY
Description  128K (16K X 8) Bit SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS128TY Datasheet(HTML) 10 Page - RAMXEED LIMITED

Back Button MB85RS128TY Datasheet HTML 6Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 7Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 8Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 9Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 10Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 11Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 12Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 13Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 14Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
MB85RS128TY(AEC-Q100 Compliant)
10
DS501-00048-7v0-E
SLEEP
The SLEEP command shifts the LSI to a low power mode called “SLEEP mode”. The transition to the SLEEP
mode is carried out at the rising edge of CS after operation code in the SLEEP command. However, when
at least one SCK clock is inputted before the rising edge of CS after operation code in the SLEEP command,
this SLEEP command is canceled.
After the SLEEP mode transition, SCK and SI inputs are logically ignored and SO changes to a High-Z state.
If input pin(s) other than CS pin is (are) not fixed to VSS or VDD, flow-throw current may flow.
Returning to an normal operation from the SLEEP mode is carried out after tREC (Max 400 s) time from the
falling edge of CS (see the figure below). It is possible to return CS to H level before tREC time. However, it
is prohibited to bring down CS to L level again during tREC period.
Enter Sleep Mode
CS
SCK
SI Invalid
Invalid
High-Z
Sleep Mode Entry
67
012345
SO
1
101110
0
CS
CS
tREC
Exit Sleep Mode
Sleep Mode Exit
From this time
Command input enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com