Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS128TY Datasheet (PDF) - RAMXEED LIMITED

MB85RS128TY Datasheet PDF - RAMXEED LIMITED
Part # MB85RS128TY
Download  MB85RS128TY Download
File Size   2104.96 Kbytes
Page   30 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 128K (16K X 8) Bit SPI

MB85RS128TY Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85RS128TY Datasheet PDF - RAMXEED LIMITED

Part # MB85RS128TY
Download  MB85RS128TY Click to download

File Size   2104.96 Kbytes
Page   30 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 128K (16K X 8) Bit SPI

MB85RS128TY Datasheet (HTML) - RAMXEED LIMITED


MB85RS128TY Product details

DESCRIPTION
MB85RS128TY is a FeRAM (Ferroelectric Random Access Memory) chip in a configuration of 16,384
words  8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming
the nonvolatile memory cells. This product is specifically targeted for high-temperature environment such
as automotive applications.
MB85RS128TY adopts the Serial Peripheral Interface (SPI).
The MB85RS128TY is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85RS128TY can be used for 1013 read/write operations, which is a significant
improvement over the number of read and write operations supported by Flash memory and E2PROM.
As MB85RS128TY does not need any waiting time in writing process, the write cycle time of MB85RS128TY
is much shorter than that of Flash memories or E2PROM.
FEATURES
Bit configuration : 16,384 words  8 bits
Serial Peripheral Interface : SPI (Serial Peripheral Interface)
Correspondent to SPI mode 0 (0, 0) and mode 3 (1, 1)
Operating frequency : 40 MHz (Max)
High endurance : 1013 times / byte
Data retention : 40.2 years (+85 C),
10.9 years (+105 C)
3.38 years (+125 C) or more
Under evaluation for more than 3.38 year(+125 C)
Operating power supply voltage : 1.8 V to 3.6 V
Low power consumption : Operating power supply current 2.5 mA (Max@40 MHz)
Standby current 45 A (Max)
Sleep current 12 A (Max)
Operation ambient temperature range :  40 C to +125 C
Package : 8-pin plastic SOP
AEC-Q100 Grade 1 compliant
RoHS compliant




Similar Part No. - MB85RS128TY

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85RS128A FUJITSU-MB85RS128A Datasheet
224Kb / 20P
Memory FRAM 128K (16 K x 8) Bit SPI
logo
RAMXEED LIMITED
MB85RS128A RAMXEED-MB85RS128A Datasheet
1Mb / 32P
128K (16 K × 8) Bit SPI
2013.9
logo
fujitsu semiconductor
MB85RS128B FUJITSU-MB85RS128B Datasheet
303Kb / 32P
128 K (16 K횞8) ?볝긿?늆PI
logo
RAMXEED LIMITED
MB85RS128B RAMXEED-MB85RS128B Datasheet
2Mb / 31P
128K (16 K X 8) Bit SPI
MB85RS128BPNF-G-AME2 RAMXEED-MB85RS128BPNF-G-AME2 Datasheet
2Mb / 31P
128K (16 K X 8) Bit SPI
More results


Similar Description - MB85RS128TY

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE21128 NTE-NTE21128 Datasheet
37Kb / 6P
Integrated Circuit NMOS, 128K (16K x 8) UV EPROM
logo
STMicroelectronics
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
NMOS 128K 16K x 8 UV EPROM
Mar-1995
logo
fujitsu semiconductor
MBM29LV001TC FUJITSU-MBM29LV001TC Datasheet
421Kb / 49P
1M (128K x 8) BIT
logo
Microchip Technology
27C128 MICROCHIP-27C128 Datasheet
62Kb / 12P
128K (16K x 8) CMOS EPROM
1996
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
128K (16K x 8-Bit) CMOS EPROM
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
128K (16K x 8) CMOS EPROM
2004
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
Cypress Semiconductor
CY14B101Q1 CYPRESS-CY14B101Q1 Datasheet
1Mb / 22P
1 Mbit (128K x 8) Serial SPI nvSRAM
logo
fujitsu semiconductor
MB85RS128A FUJITSU-MB85RS128A Datasheet
224Kb / 20P
Memory FRAM 128K (16 K x 8) Bit SPI
logo
Renesas Technology Corp
X4283 RENESAS-X4283 Datasheet
881Kb / 22P
128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com