Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS128TY Datasheet(PDF) 4 Page - RAMXEED LIMITED

Part # MB85RS128TY
Description  128K (16K X 8) Bit SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS128TY Datasheet(HTML) 4 Page - RAMXEED LIMITED

  MB85RS128TY Datasheet HTML 1Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 2Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 3Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 4Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 5Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 6Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 7Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 8Page - RAMXEED LIMITED MB85RS128TY Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
MB85RS128TY(AEC-Q100 Compliant)
4
DS501-00048-7v0-E
SERIAL PERIPHERAL INTERFACE (SPI)
MB85RS128TY works as a slave of SPI. More than 2 devices can be connected by using microcontroller
equipped with SPI port. By using a microcontroller not equipped with SPI port, SI and SO can be bus
connected to use.
SCK
SS1
HOLD1
MOSI
MISO
SS2
HOLD2
SCK
CS
HOLD
SI
SO
SCK
CS
HOLD
SI
SO
MB85RS128TY
MB85RS128TY
SCK
CS
HOLD
SI
SO
MB85RS128TY
SPI
Microcontroller
MOSI : Master Out Slave In
MISO : Master In Slave Out
SS
: Slave Select
System Configuration with SPI Port
System Configuration without SPI Port
Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com